データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • O-CS8-ALTYZGUP-R

  • AI
    The part number **O-CS8-ALTYZGUP-R** typically refers to a high-performance **Clock Oscillator** or **Crystal Oscillator** manufactured by **Taitien** (or a similar specialized frequency control component provider). Below is the technical breakdown of the electronic components and characteristics associated with this specific part series. --- ## 1. Component Overview This component is an **SMD (Surface Mount Device) Crystal Oscillator**. Its primary function is to provide a stable clock signal for microprocessors, FPGAs, and communication interfaces. ### Key Specifications | Feature | Typical Specification | | :--- | :--- | | **Package Type** | 7.0 x 5.0 mm (Standard 6-pin or 4-pin) | | **Output Type** | LVPECL / LVDS (High-speed Differential) | | **Supply Voltage** | 2.5V or 3.3V | | **Frequency Stability** | ±25ppm to ±50ppm | | **Operating Temp** | -40°C to +85°C (Industrial Grade) | --- ## 2. Technical Features The "CS8" series is specifically designed for high-frequency applications requiring low jitter. * **Low Phase Jitter:** Crucial for high-speed data transmission (Ethernet, Fiber Channel, PCIe) to prevent data errors. * **Differential Output:** Uses LVPECL (Low-Voltage Positive Emitter-Coupled Logic) or LVDS, which provides excellent noise immunity compared to standard CMOS outputs. * **Tri-state Function:** Includes an enable/disable pin (Pin 1) that allows the output to be placed in a high-impedance state for testing or power saving. --- ## 3. Pin Configuration (Internal Mapping) Standard 6-pin oscillators in this class usually follow this layout: | Pin # | Function | Description | | :--- | :--- | :--- | | **1** | OE or NC | Output Enable (High = Active) | | **2** | NC | No Connection | | **3** | GND | Ground / Case | | **4** | Output | Main Clock Signal | | **5** | Comp Output | Complementary Clock Signal | | **6** | Vdd | Power Supply Voltage | --- ## 4. Part Number Decoder (Generalized) While internal manufacturer codes vary, the suffixing usually denotes: * **AL:** Often refers to the voltage/stability combination (e.g., 3.3V / 25ppm). * **TY:** Operating Temperature range (Industrial). * **ZG:** Frequency code (Specific MHz value). * **R:** Tape & Reel packaging. ---
    ✨ Follow-up Questions
    • ⤷ What is the specific output frequency for the ZG code in this part number?
    • ⤷ How does LVPECL output differ from CMOS in terms of power consumption?
    • ⤷ Can this oscillator be used in automotive applications or is it strictly industrial?