データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • O-CS8-AMS17EWP-R

  • AI
    ### Overview of the O-CS8-AMS17EWP-R The **O-CS8-AMS17EWP-R** is a specialized high-performance industrial/commercial networking component, typically identified as a **SFP+ (Small Form-factor Pluggable Plus) Optical Transceiver Module**. Based on industry standard naming conventions (often associated with brands like Champion or specific white-label OEMs), this part is designed for high-speed data transmission over fiber optic cables. --- ### Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Form Factor** | SFP+ (Small Form-factor Pluggable Plus) | | **Data Rate** | 10 Gbps (10GBASE-SR) | | **Wavelength** | 850 nm | | **Fiber Type** | Multi-Mode Fiber (MMF) | | **Connector Type** | Dual LC (Lucent Connector) | | **Max Distance** | Up to 300 meters (on OM3 fiber) | | **Operating Temperature** | Commercial/Industrial grade (depending on suffix) | --- ### Internal Electronic Components The module consists of several critical electronic sub-assemblies that handle the conversion between electrical and optical signals: #### 1. TOSA (Transmitter Optical Sub-Assembly) * **Laser Diode:** Usually a **VCSEL** (Vertical-Cavity Surface-Emitting Laser) operating at 850nm. * **Driver IC:** An electronic integrated circuit that converts the differential electrical input from the switch into current pulses to drive the laser. #### 2. ROSA (Receiver Optical Sub-Assembly) * **Photodetector:** A PIN photodiode that senses incoming light pulses and converts them back into weak electrical currents. * **TIA (Transimpedance Amplifier):** Converts the weak current from the photodiode into a measurable voltage. * **Limiting Amplifier:** Reshapes the signal to ensure clean digital output for the host device. #### 3. EEPROM & Microcontroller * **Memory Chip:** Stores the module’s identification (Vendor name, serial number, part number) and capabilities. * **DDM (Digital Diagnostic Monitoring):** This electronic feature allows the host system to monitor real-time parameters such as: * Optical Output Power * Optical Input Power (Receive level) * Internal Temperature * Laser Bias Current * Supply Voltage #### 4. The PCB (Printed Circuit Board) * Includes high-speed differential signal traces designed to minimize EMI (Electromagnetic Interference) and signal degradation. --- ### Typical Applications * **Data Centers:** Connecting top-of-rack switches to servers. * **Enterprise Networking:** High-speed backbone links between floors or buildings. * **Storage Area Networks (SAN):** High-speed connectivity for storage arrays. ---
    ✨ Follow-up Questions
    • ⤷ What is the significance of the 'EWP' suffix in this specific part number?
    • ⤷ Is this module compatible with standard OM4 multi-mode fiber for longer distances?
    • ⤷ How do I access the DDM (Digital Diagnostic Monitoring) data on a Cisco or Juniper switch?