データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • O-CS8-AMSYZISP-R

  • AI
    Based on the part number provided, this appears to be a specialized timing component, likely a **TCXO (Temperature Compensated Crystal Oscillator)** or an **OCXO (Oven Controlled Crystal Oscillator)** manufactured by a specialist frequency control company (such as Taitien or similar). Below is the technical breakdown of the electronic characteristics typically associated with this series: --- ## Technical Specifications | Feature | Description | | :--- | :--- | | **Component Type** | Precision Quartz Oscillator | | **Output Type** | CMOS / Sine Wave (depending on exact suffix) | | **Supply Voltage** | Typically 3.3V or 5.0V DC | | **Package Style** | SMD (Surface Mount Device) | | **Frequency Stability** | Extremely high (measured in ppb - parts per billion) | | **Operating Temp** | Industrial grade (-40°C to +85°C) | --- ## Part Number Breakdown (Generalized) While exact proprietary naming conventions vary by manufacturer, the code generally decomposes as follows: ### 1. Core Technology: `O-CS8` * **O:** Often denotes an "Oven Controlled" (OCXO) or high-stability oscillator. * **CS8:** Refers to the physical package size (e.g., 9x7mm or 14x9mm footprint) and the internal crystal cut. ### 2. Performance Parameters: `AMSYZ` * **A/M:** Usually represents the **Temperature Range** and **Frequency Stability**. In precision parts, this indicates how much the frequency drifts as the device heats up. * **S/Y:** Often relates to the **Supply Voltage** requirements and the **Output Waveform** (e.g., Square wave for digital circuits). ### 3. Packaging & Revision: `ISP-R` * **ISP:** Often indicates "In-System Programmable" features or specific internal buffering. * **R:** Standard industry notation for **Tape & Reel** packaging, intended for automated pick-and-place assembly machines. --- ## Key Applications These parts are not standard consumer-grade crystals; they are used where timing is critical: 1. **Telecommunications:** Base stations (5G/LTE) requiring precise synchronization. 2. **Network Switches:** High-speed data centers. 3. **GPS/GNSS:** Satellite positioning equipment where microsecond timing is vital. 4. **Test & Measurement:** High-end oscilloscopes and signal generators. --- ## Engineering Considerations * **Power Consumption:** Because these parts may include internal heating elements (if OCXO), they draw significantly more current than standard crystals. * **Warm-up Time:** Precision oscillators require a "warm-up" period to reach their stable rated frequency. * **Phase Noise:** This series is likely chosen for low phase noise to prevent errors in high-frequency RF transmission.
    ✨ Follow-up Questions
    • ⤷ What is the specific center frequency for this part number?
    • ⤷ How does an OCXO differ from a standard TCXO in terms of power draw?
    • ⤷ Are there pin-compatible alternatives from other manufacturers like Murata or TXC?