データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • O-CS8-AMT58EWL-R

  • AI
    The **O-CS8-AMT58EWL-R** is a high-precision industrial motion control component. It is a specific model of an **Absolute Rotary Encoder** manufactured by AMT (frequently associated with automation brands like Pepperl+Fuchs or similar industrial partners). --- ## 1. Technical Specifications This device is designed to measure angular position and convert it into a digital signal. Below are the core electronic and mechanical specifications: | Feature | Specification | | :--- | :--- | | **Type** | Absolute Multiturn Encoder | | **Technology** | Optical (High Precision) | | **Communication Interface** | EtherNet/IP | | **Resolution (Singleturn)** | 16-bit (65,536 steps per revolution) | | **Resolution (Multiturn)** | 14-bit (16,384 revolutions) | | **Housing Diameter** | 58 mm | | **Shaft Type** | Hollow Shaft (usually 8mm to 15mm depending on sub-variant) | | **Protection Class** | IP65 / IP67 | --- ## 2. Key Electronic Components & Subsystems ### A. The Optical Sensing Module Unlike incremental encoders that just count pulses, this absolute encoder uses a specialized coded disk. * **LED Emitter:** A high-reliability light source. * **Photodiode Array:** Receives light passing through the coded disk to determine the exact position even after a power loss. ### B. EtherNet/IP Interface The "EWL" in the model name typically signifies the integration of industrial Ethernet. * **Integrated Switch:** Many of these models include a 2-port internal switch to allow for **DLR (Device Level Ring)** or "daisy-chaining" network topologies. * **Protocol:** It communicates directly with PLCs (like Allen-Bradley/Rockwell) via EtherNet/IP, eliminating the need for separate high-speed counter modules. ### C. Multiturn Gear/Electronic Unit * **Internal Gearing:** To track thousands of rotations, the unit uses a physical internal gear train or an electronic memory backed by a battery/supercapacitor. This allows it to remember its position even if the shaft turns while the main power is off. --- ## 3. Connector Pinout (Typical M12) Industrial encoders of this class usually feature three connectors: 1. **Power Supply:** 4-pin M12 (A-coded) providing 10-30V DC. 2. **Port 1 (Data):** 4-pin M12 (D-coded) for Ethernet. 3. **Port 2 (Data):** 4-pin M12 (D-coded) for Ethernet. --- ## 4. Application Use Cases * **Robotics:** Precise positioning of joints. * **Material Handling:** Tracking the exact location of a conveyor or automated guided vehicle (AGV). * **Packaging Machinery:** Synchronizing multiple axes of motion at high speeds.
    ✨ Follow-up Questions
    • ⤷ What is the difference between singleturn and multiturn encoders in this model?
    • ⤷ How do I configure the IP address for the EtherNet/IP interface?
    • ⤷ What is the maximum mechanical speed (RPM) supported by the AMT58 series?