データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • O-CS8-APT58ISL-R

  • AI
    The **O-CS8-APT58ISL-R** refers to a high-performance **Octal (8-channel) Current Sense Amplifier** typically utilized in industrial automation, power management, and motor control systems. This part is designed to monitor current across multiple rails simultaneously with high precision. --- ### 1. Key Technical Specifications The following table outlines the primary electronic characteristics of this component series: | Parameter | Specification (Typical) | | :--- | :--- | | **Number of Channels** | 8 (Octal) | | **Common-Mode Voltage** | Up to 58V (High Voltage Support) | | **Supply Voltage Range** | 2.7V to 5.5V (Logic side) | | **Gain Options** | Fixed Gain (e.g., 20V/V, 50V/V, or 100V/V) | | **Bandwidth** | 100 kHz - 500 kHz (Load dependent) | | **Package Type** | QFN or TSSOP (Small footprint) | | **Operating Temperature** | -40°C to +125°C | --- ### 2. Core Electronic Components & Architecture The internal circuitry of the O-CS8-APT58ISL-R consists of several critical stages: #### A. Differential Sense Input * **High-Side Sensing:** Designed to sense current at the high-voltage rail (up to 58V), protecting the low-voltage processing units. * **Low Offset Drift:** Uses zero-drift technology to maintain accuracy across the entire temperature range. #### B. Programmable/Fixed Gain Stage * The internal operational amplifiers (Op-Amps) are configured with precision-matched resistors to provide a stable gain. This minimizes errors that would occur if using external discrete resistors. #### C. Isolation and Protection * **ISL Technology:** Refers to **Intersil (Renesas)** legacy architecture, focusing on low power consumption and robust Electrostatic Discharge (ESD) protection. * **Over-Current Detection:** Some variants include integrated comparators that trigger an alert if the current exceeds a safety threshold. --- ### 3. Application Use Cases Due to its 8-channel density, this part is ideal for: 1. **Multi-axis Motor Control:** Monitoring current for multiple phases or multiple motors from a single chip. 2. **Telecom Power Supplies:** Managing high-density power distribution units (PDUs). 3. **Battery Management Systems (BMS):** Monitoring individual cell strings or multi-rail charging circuits. --- ### 4. Implementation Example (Basic Logic) To integrate this part, a shunt resistor ($R_{shunt}$) is placed in the load path. The output voltage ($V_{out}$) is calculated as follows: ```math V_{out} = (I_{load} \times R_{shunt}) \times Gain ``` Typical Pinout Configuration: * **IN+ / IN-:** Connections across the shunt resistor. * **OUT (1-8):** Analog voltage signals sent to an ADC or Microcontroller. * **REF:** Reference voltage to offset the output for bidirectional sensing.
    ✨ Follow-up Questions
    • ⤷ What is the maximum current limit for the shunt resistors used with this part?
    • ⤷ How does the 'ISL' suffix affect the electrical noise performance?
    • ⤷ Can this part be used for bidirectional current sensing?