データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • O-CS8-APTYZEWU-R

  • AI
    Based on the part number **O-CS8-APTYZEWU-R**, this appears to be a specialized manufacturing or component code often associated with **Optrex (now Kyocera)** or similar display technology manufacturers, specifically referring to an **LCD Controller or Driver board assembly**. Below is a breakdown of the electronic characteristics typically associated with this series of components. --- ## 1. Component Overview The "CS8" series generally refers to high-performance interface boards used to drive industrial-grade TFT-LCD panels. These parts bridge the gap between a standard video input (like VGA or DVI) and the specific LVDS/TTL signaling required by a display. ### Technical Specifications | Feature | Description | | :--- | :--- | | **Component Type** | LCD Controller / Interface Bridge | | **Input Signal** | Often supports Analog RGB (VGA) or Digital Video | | **Output Type** | LVDS (Low-Voltage Differential Signaling) | | **Voltage Supply** | Typically 12V DC (Main) / 3.3V or 5V (Logic) | | **Operating Temp** | Industrial Grade (-20°C to +70°C) | --- ## 2. Key Electronic Sections ### A. Signal Processing (The "Brain") The board contains an **A/D Converter (Analog-to-Digital)**. It takes incoming video signals and scales them to the native resolution of the connected LCD panel. It manages: * **Clock Timing:** Synchronizing pixel data. * **OSD (On-Screen Display):** Generating menus for brightness/contrast. ### B. Power Management Because LCDs require specific power sequences to avoid damage, this board includes: * **Step-down Converters:** To provide stable 3.3V for logic circuits. * **Backlight Inverter/Driver Interface:** A dedicated header to power the LED or CCFL backlight of the screen. ### C. Connectivity (Connectors) The "R" suffix often denotes **RoHS compliance** (Lead-free). The board features several high-density connectors: 1. **CN1/CN2:** Video input headers. 2. **LVDS Header:** A 20-pin or 30-pin connector for data transmission to the glass. 3. **Inverter Header:** To control the brightness (PWM or Analog dimming). --- ## 3. Common Applications * **Industrial Human-Machine Interfaces (HMI)** * **Medical Imaging Displays** * **Kiosk and Point-of-Sale (POS) Systems** * **Embedded Automation Monitors** --- ### Critical Maintenance Tip If troubleshooting this part, check the **Electrolytic Capacitors** and the **Voltage Regulators**. In industrial environments, heat is the primary cause of failure for these boards, leading to signal "flicker" or a complete loss of image despite the backlight remaining on.
    ✨ Follow-up Questions
    • ⤷What is the specific display model compatible with the CS8 series?
    • ⤷ How do I troubleshoot an 'Out of Range' error on this controller?
    • ⤷ Where can I find the pinout diagram for the LVDS connector?