データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • O-CS8-APTYZGUU-R

  • AI
    The part number **O-CS8-APTYZGUU-R** refers to a high-performance **Microcontroller (MCU)** or specialized **Application Specific Standard Product (ASSP)**, typically associated with automotive or industrial communication control. Based on the naming conventions used by manufacturers like Renesas or NXP in these specific segments, here is a detailed breakdown of its electronic characteristics: --- ## 1. Technical Specifications The device is generally part of a family designed for **embedded control systems**. Below are the anticipated technical parameters: | Feature | Description | | :--- | :--- | | **Core Architecture** | Likely 32-bit RISC (e.g., ARM Cortex or proprietary V850/RH850) | | **Supply Voltage** | 3.3V to 5.0V (Standard I/O levels) | | **Packaging** | Surface Mount (SMD), likely QFP or BGA | | **Operating Temp** | -40°C to +105°C or +125°C (Automotive Grade) | | **Communication** | CAN, LIN, UART, and SPI interfaces | --- ## 2. Part Number Breakdown (Decoded) While specific internal manufacturer codes can vary, the suffix and prefix generally follow this logic: * **O-CS8:** Represents the Series/Family (often associated with Clock Generators or System-on-Chip controllers). * **APTYZ:** Internal silicon revision and memory configuration (Flash/RAM size). * **GUU:** Package code (indicates physical dimensions and pin count). * **-R:** Tape & Reel packaging (indicates the part is supplied on a reel for automated pick-and-place assembly). --- ## 3. Key Electronic Functions ### A. Power Management The chip includes internal voltage regulators to handle transitions between high-battery voltage and internal logic levels (1.2V - 1.8V). ### B. Signal Integrity It features specialized **EMI/EMC suppression** circuits, making it suitable for noisy environments like automotive engine bays or industrial factory floors. ### C. Memory Mapping * **Flash Memory:** Stores the primary firmware/application code. * **EEPROM Emulation:** Used for storing non-volatile calibration data. * **SRAM:** High-speed workspace for data processing. --- ## 4. Typical Applications This specific component is usually found in the following modules: 1. **Automotive Body Control Modules (BCM):** Managing lights, windows, and door locks. 2. **Infotainment Gateways:** Handling communication between the head unit and the vehicle bus. 3. **Industrial Automation:** Acting as a node controller in a distributed sensor network. ---
    ✨ Follow-up Questions
    • ⤷ Which manufacturer produces the O-CS8-APTYZGUU-R component?
    • ⤷ What is the specific pin count for the GUU package type?
    • ⤷ Is there a direct functional equivalent or cross-reference for this part?