データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • O2-12-1CE

  • AI
    The **O2-12-1CE** is an oxygen sensor (O2 sensor) commonly utilized in industrial safety equipment, medical devices, and gas analysis systems. It is primarily categorized as an **electrochemical galvanic cell**. --- ### 1. Technical Specifications The following table outlines the key electrical and physical parameters of the O2-12-1CE: | Feature | Specification | | :--- | :--- | | **Measurement Range** | 0 to 100% Oxygen (O2) | | **Output Signal** | 9 to 13 mV (in ambient air) | | **Response Time (T90)** | < 15 seconds | | **Operating Temperature** | 0°C to 50°C | | **Pressure Range** | 700 to 1250 hPa | | **Expected Life** | Approx. 1,000,000 % hours (2 years in air) | | **Connector Type** | 3-pin Molex (or proprietary 12mm thread) | --- ### 2. Internal Electronic Components Unlike digital sensors, the O2-12-1CE is an analog transducer. Its internal structure functions like a battery where the "fuel" is the oxygen in the environment. * **Cathode (Sensing Electrode):** Usually made of a noble metal (Gold or Platinum) where oxygen reduction occurs. * **Anode (Counter Electrode):** Usually made of Lead (Pb). This is the sacrificial component that oxidizes over time. * **Electrolyte:** A liquid or gel (typically Potassium Hydroxide) that facilitates the flow of ions between the electrodes. * **Thermistor:** Most "CE" versions include an internal **NTC Thermistor**. This compensates for the output signal's sensitivity to temperature fluctuations, ensuring the millivolt output remains accurate across the operating range. --- ### 3. Circuit Integration Example To interface this sensor with a microcontroller (like an Arduino or ESP32), you typically need a high-impedance operational amplifier because the output signal is very low (millivolts). ```python # Conceptual ADC Reading logic for an O2 Sensor # V_out is the voltage measured across a load resistor def calculate_o2_percentage(mv_reading, calibration_factor): # Standard ambient air is ~20.9% # If 10.5mV is 20.9%, then factor is 0.5 o2_percent = mv_reading / calibration_factor return o2_percent ``` --- ### 4. Critical Usage Notes 1. **Load Resistor:** The sensor requires a specific load resistor (typically 10k Ohms) to convert the current into a measurable voltage. 2. **Shelf Life:** Because the anode oxidizes even in storage, these sensors have a limited shelf life. They should be kept in original sealed packaging until use. 3. **Linearity:** The output is highly linear from 0% to 100% oxygen, making calibration relatively simple (usually a single-point calibration in room air).
    ✨ Follow-up Questions
    • ⤷ How does the temperature compensation circuit affect the output voltage?
    • ⤷ What are the common failure modes of the O2-12-1CE sensor?
    • ⤷ Which specific operational amplifiers are recommended for oxygen sensor signal conditioning?