データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • O2133

  • AI
    The term **O2133** typically refers to a specific variant of **LPDDR4x (Low Power Double Data Rate 4x)** memory, often found in mobile devices, tablets, and high-end embedded systems. The "2133" designates the clock frequency (2133 MHz), which results in a data rate of **4266 MT/s**. Below is a detailed breakdown of the electronic specifications and architecture of this component. --- ## 1. Core Technical Specifications These parts are designed for high-speed data transfer while maintaining a very low power footprint. | Feature | Specification | | :--- | :--- | | **Memory Type** | LPDDR4x SDRAM | | **Clock Frequency** | 2133 MHz | | **Data Rate** | 4266 MT/s (Mega Transfers per second) | | **Voltage (VDD1)** | 1.8V | | **Voltage (VDDQ)** | 0.6V (Ultra-low I/O voltage) | | **Architecture** | Dual-channel (usually 16-bit per channel) | --- ## 2. Key Electronic Components & Features ### A. LVSTL (Low Voltage Swing Terminated Logic) Unlike standard DDR4 which uses higher voltage swings, the O2133 (LPDDR4x) uses **LVSTL**. This reduces the switching power consumption by lowering the I/O voltage (VDDQ) from 1.1V to **0.6V**. ### B. On-Die Termination (ODT) To maintain signal integrity at high frequencies (2133 MHz), these chips incorporate internal resistors. This prevents signal reflection on the PCB, which is critical for stable performance in compact electronics. ### C. Temperature-Compensated Self-Refresh (TCSR) The part includes internal sensors that adjust the refresh rate based on the chip's temperature. * **Cold:** Slower refresh (saves power). * **Hot:** Faster refresh (prevents data loss). --- ## 3. Physical Packaging Most O2133 parts are manufactured in **FBGA (Fine-pitch Ball Grid Array)** packages. ```text Structure Example (Top-Down View): +-------------------------+ | Marking: O2133 | | Vendor: (Samsung/ | | Micron/SK Hynix) | +-------------------------+ | Ball Grid (Bottom) | | . . . . . . . . . . | | . . . . . . . . . . | +-------------------------+ ``` --- ## 4. Typical Applications Due to its high speed-to-power ratio, this electronic part is commonly integrated into: 1. **Flagship Smartphones:** Acting as the primary RAM for high-speed multitasking. 2. **AI Accelerators:** Providing the bandwidth necessary for edge computing. 3. **Ultra-portable Laptops:** soldered directly to the motherboard to save space and energy. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between LPDDR4 and LPDDR4x O2133?
    • ⤷ How do I interpret the manufacturer codes on an O2133 memory chip?
    • ⤷ What are the PCB design requirements for 2133 MHz memory signals?