データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • O2160

  • AI
    The **O2160** (often referred to as the **O-2160**) is a specialized high-performance **Integrated Circuit (IC)**, primarily utilized as a **Pulse Width Modulation (PWM) Controller**. It is commonly found in sophisticated power management systems, automotive electronics, and industrial DC-DC converters. --- ### 1. Key Technical Specifications The O2160 is designed for high efficiency and precision in voltage regulation. Below are its primary technical characteristics: | Feature | Specification | | :--- | :--- | | **Component Type** | PWM Controller / Power Management IC | | **Input Voltage Range** | Typically 4.5V to 25V (Application dependent) | | **Switching Frequency** | Adjustable (Up to 1MHz) | | **Package Type** | QFN (Quad Flat No-lead) or TSSOP | | **Output Channels** | Dual or Multi-phase support | | **Protection Features** | OVP (Over Voltage), OCP (Over Current), OTP (Thermal) | --- ### 2. Major Internal Sub-systems The internal architecture of the O2160 consists of several critical electronic sections that work in tandem to manage power: 1. **Error Amplifier:** Compares the feedback voltage from the output against an internal reference voltage to maintain stability. 2. **Oscillator:** Generates the clock signal that dictates the switching frequency of the power MOSFETs. 3. **Soft-Start Circuitry:** Gradually increases the output voltage during power-up to prevent "inrush current" which could damage components. 4. **Gate Drivers:** Internal circuits designed to drive the gates of external N-channel MOSFETs with high speed and current. --- ### 3. Application Circuit Example In a typical buck converter setup, the O2160 acts as the "brain." Below is a simplified representation of how it interacts with other electronic parts: ```mermaid graph LR Vin[Input Voltage] --> MOSFET[Power MOSFETs] O2160[O2160 Controller] -- PWM Signal --> MOSFET MOSFET --> Inductor[Inductor/Capacitor Filter] Inductor --> Vout[Regulated Output] Vout -- Feedback Loop --> O2160 ``` --- ### 4. Common Failure Points In electronic repair and diagnostics, if an O2160 circuit fails, technicians usually check the following associated parts: * **Shunt Resistors:** Often blow if there is an over-current event. * **Bootstrap Capacitors:** Small ceramic capacitors that, if failed, prevent the high-side MOSFET from turning on. * **Feedback Resistor Network:** If these drift in value, the output voltage will become unstable or incorrect.
    ✨ Follow-up Questions
    • ⤷What are the pinout configurations for the O2160 IC?
    • ⤷ How does the O2160 compare to standard TL494 PWM controllers?
    • ⤷ What are the common symptoms of a failing O2160 chip in a power supply?