データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • O2C20

  • AI
    The **O2C20** (often referring to the **ifm efector O2C200** or similar models in that series) is a 3D Time-of-Flight (ToF) smart sensor used for object recognition, volume measurement, and level sensing. Below is an explanation of its internal electronic architecture and external connectivity. --- ### 1. Internal Electronic Architecture The O2C20 operates on the **PMD (Photomixer Device)** technology. Unlike standard cameras, each pixel on its sensor chip measures the time it takes for light to travel to the object and back. | Component | Function | | :--- | :--- | | **Infrared Light Source** | Integrated modulated infrared LEDs (usually 850nm) that pulse light onto the target area. | | **CMOS PMD Sensor** | A specialized image sensor where each pixel measures distance based on phase shift. | | **Microprocessor (DSP)** | An onboard Digital Signal Processor that converts raw phase data into 3D coordinates (X, Y, Z). | | **Memory** | Stores configuration parameters and pre-defined "Models" for object recognition. | --- ### 2. External Electrical Connections The device typically uses standard industrial M12 connectors. The electronics are designed for industrial environments with high noise immunity. #### Typical Pinout (M12 8-pin / 5-pin) 1. **Power Supply:** Generally 24V DC (18...30V range). 2. **Digital Outputs/Inputs:** Transistor-based (PNP/NPN) for triggering alarms or confirming object presence. 3. **Communication Interface:** * **Ethernet (M12 D-coded):** Used for parameter setting (via software like Vision Assistant) and high-speed data transmission (Process Data). --- ### 3. Electronic Specifications These specifications define the operational limits of the internal circuitry: | Feature | Specification | | :--- | :--- | | **Operating Voltage** | 18...30 V DC | | **Current Consumption** | ~400 mA (at 24V DC) | | **Protection Class** | III (Safety Extra Low Voltage) | | **Circuit Protection** | Reverse polarity and short-circuit protection | | **Light Modulation Frequency** | High frequency (ensures immunity to ambient sunlight) | --- ### 4. Communication Protocols The electronic interface supports various industrial communication standards to talk to PLCs (Programmable Logic Controllers): * **TCP/IP & UDP/IP:** For raw image data and coordinate transfer. * **EtherNet/IP or PROFINET:** For seamless integration into industrial automation networks. * **HTTP:** Some versions provide a web-based interface for diagnostic viewing. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum sensing range of the O2C20 sensor?
    • ⤷ How do you configure the digital outputs using the IFM Vision Assistant software?
    • ⤷ What is the difference between PMD technology and standard stereoscopic 3D cameras?