データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • OA2A-R010

  • AI
    ## OA2A-R010: Electronic Component Overview The **OA2A-R010** is a specialized electronic component, specifically a **Surface Mount (SMD) Current Sense Resistor**. It is designed to measure current flow by creating a small, measurable voltage drop across its terminals. Below is a breakdown of its electronic characteristics, specifications, and applications. --- ### 1. Key Specifications The following table highlights the primary electrical parameters of the OA2A-R010. | Feature | Specification | Description | | :--- | :--- | :--- | | **Resistance Value** | 0.010 Ω (10 mΩ) | Extremely low resistance to minimize power loss. | | **Tolerance** | ±1% (typically) | Precision rating for accurate current measurement. | | **Power Rating** | 1.0W - 2.0W | The amount of heat the part can dissipate safely. | | **Technology** | Metal Strip / Metal Plate | Uses a solid metal alloy for stability and durability. | | **Package Size** | 2512 (Metric 6432) | Standard SMD footprint (approx. 6.4mm x 3.2mm). | | **Temp. Coefficient** | Low (e.g., ±50ppm/°C) | Ensures resistance stays stable as the part heats up. | --- ### 2. Functional Components & Design The "electronic parts" of this resistor are integrated into a single solid-state package: * **Resistive Element:** Constructed from a specific metal alloy (like Manganin or NiCr). This alloy is chosen for its low Temperature Coefficient of Resistance (TCR), meaning the resistance doesn't change significantly when the part gets hot. * **Terminations:** Large copper or tin-plated end caps designed for high-current flow and heat transfer to the PCB (Printed Circuit Board). * **Substrate/Coating:** A ceramic or epoxy protective layer that shields the metal strip from environmental oxidation and mechanical damage. --- ### 3. How it Works in a Circuit The OA2A-R010 operates based on **Ohm’s Law ($V = I \times R$)**. 1. Current ($I$) flows through the $0.010\,\Omega$ resistor. 2. A very small voltage ($V$) is generated across the resistor. 3. A **Current Sense Amplifier** or a Microcontroller reads this voltage. 4. Since $R$ is a known constant ($10\,m\Omega$), the system calculates the current: $I = V / 0.010$. --- ### 4. Common Applications Due to its low resistance and high power handling, this part is found in: * **Battery Management Systems (BMS):** Monitoring charge/discharge rates in Li-ion packs. * **DC-DC Converters:** Providing feedback for over-current protection. * **Motor Controllers:** Tracking the torque and load of electric motors. * **Power Supplies:** Regulating output current in industrial equipment. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum current capacity of the OA2A-R010 based on its 1W power rating?
    • ⤷ How does the '2512' package size affect the heat dissipation of this resistor?
    • ⤷ Can this resistor be used in high-precision medical or aerospace equipment?