データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • OA2AA27-R010

  • AI
    The part number **OA2AA27-R010** typically refers to a specialized high-current **Shunt Resistor** or a specific **Current Sensing Resistor**. These components are critical in power electronics for monitoring current flow by measuring the voltage drop across a known low resistance. --- ### 1. Key Technical Specifications While exact specifications can vary by manufacturer, parts in this series generally follow these parameters: | Parameter | Typical Value | Description | | :--- | :--- | :--- | | **Resistance Value** | 10 mΩ (0.010 Ω) | Indicated by the "R010" suffix. | | **Power Rating** | 2W - 5W | Depends on the physical package size. | | **Tolerance** | ±1% or ±5% | Precision level of the resistance value. | | **Technology** | Metal Plate / Alloy | Used for high stability and low noise. | | **Temperature Coefficient** | ±50 to ±100 ppm/°C | Ensures accuracy across temperature changes. | --- ### 2. Physical Construction The **OA2AA** series usually features a robust architecture designed to handle thermal stress: * **Material:** Often constructed from a Manganese-Copper or Ni-Cr alloy plate. * **Form Factor:** Surface Mount Device (SMD). The "27" in the part number often correlates to the 2725 or 2512 imperial package size. * **Termination:** Large metallic contact pads to ensure low contact resistance and efficient heat dissipation. --- ### 3. Functional Application This component is used as a **Current Shunt**. Its primary role is to convert a high-amperage current into a small, measurable voltage signal based on Ohm's Law ($V = I \times R$). #### Example Calculation: If a **10 Amp** current passes through this **10 mΩ** resistor: ```python # Calculation of Voltage Drop current = 10.0 # Amperes resistance = 0.010 # Ohms (R010) voltage_drop = current * resistance print(f"{voltage_drop} Volts (or 100mV)") ``` --- ### 4. Common Use Cases 1. **Battery Management Systems (BMS):** Monitoring charge and discharge cycles in Li-ion packs. 2. **Motor Control:** Detecting over-current conditions to protect the motor driver. 3. **DC-DC Converters:** Providing feedback loops for current-mode PWM controllers. 4. **Automotive Electronics:** Power distribution units and electronic power steering. ---
    ✨ Follow-up Questions
    • ⤷What is the maximum current this resistor can handle before exceeding a 3W power rating?
    • ⤷ How does the temperature coefficient (TCR) affect the accuracy of this shunt resistor?
    • ⤷ What are the recommended PCB landing pattern dimensions for a 2725 size shunt?