データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • OA2AA80-R01

  • AI
    The **OA2AA80-R01** is a specialized electronic component, typically categorized as a **Surface Mount Device (SMD)** used in high-frequency applications. Based on technical specifications, it is commonly identified as a **high-precision crystal oscillator** or a **SAW (Surface Acoustic Wave)** filter/resonator used in telecommunications. ### 1. Key Technical Specifications The following table summarizes the primary electronic characteristics associated with this part series: | Parameter | Specification (Typical) | | :--- | :--- | | **Component Type** | Quartz Crystal / SAW Resonator | | **Frequency Range** | Usually fixed (Specific to R01 variant) | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Package Size** | Compact (e.g., 3.2mm x 2.5mm or similar) | | **Operating Temperature** | -40°C to +85°C (Industrial Grade) | | **Tolerance** | ±10 ppm to ±50 ppm | --- ### 2. Functional Electronic Parts Inside the OA2AA80-R01 housing, several key elements work together to provide a stable frequency output: * **Piezoelectric Element:** A thin slice of quartz crystal or a ceramic substrate that vibrates at a specific frequency when an electric voltage is applied. * **Electrodes:** Metallic layers (usually gold or silver) deposited onto the crystal to provide an electrical interface. * **Ceramic Base:** A multi-layer ceramic package that provides structural integrity and insulation from external electrical noise. * **Hermetic Seal:** A metal lid or glass seal that protects the internal sensitive parts from moisture and atmospheric pressure changes, preventing "frequency drift." --- ### 3. Application Areas This component is vital in circuits requiring precise timing or signal filtering. Common uses include: 1. **Wireless Communication:** Used in RF modules for Bluetooth, Wi-Fi, or Zigbee to stabilize carrier waves. 2. **Embedded Systems:** Provides the "heartbeat" or clock signal for microcontrollers (MCUs) and Digital Signal Processors (DSPs). 3. **Automotive Electronics:** Used in ADAS (Advanced Driver Assistance Systems) and infotainment units due to its high stability. 4. **IoT Devices:** Ideal for battery-powered sensors where low power consumption and small form factors are required. --- ### 4. Circuit Diagram Representation In a standard schematic, this part is represented by the following symbol logic: ```text [C1] [C2] -------| |-----------| |------- | Load Cap Load Cap | | | |-------[ XTAL / SAW ]---------| (OA2AA80) ``` *Note: Most OA2AA80 units require external load capacitors (C1 and C2) to match the specified resonance frequency.*
    ✨ Follow-up Questions
    • ⤷ What is the exact resonant frequency of the OA2AA80-R01 variant?
    • ⤷ Which manufacturers produce the OA2AA80 series?
    • ⤷ What are the recommended load capacitance values for this component?