データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • OA2AE-R01

  • AI
    The **OA2AE-R01** is a high-precision, low-power analog front-end (AFE) sensor module, primarily designed for electrochemical gas sensing. It belongs to the Renesas (formerly IDT) family of sensor interfaces. --- ## 1. Core Technical Specifications The OA2AE-R01 acts as a bridge between a chemical sensor (like a Carbon Monoxide or Oxygen sensor) and a Microcontroller (MCU). | Parameter | Specification | | :--- | :--- | | **Supply Voltage (VDD)** | 2.7V to 5.5V | | **Interface** | I2C (Inter-Integrated Circuit) | | **Channels** | Dual-channel support (often for gas + temperature) | | **Current Consumption** | Very Low (Micro-ampere range in standby) | | **ADC Resolution** | Integrated 14-bit or 16-bit (model dependent) | --- ## 2. Key Internal Components The electronic architecture of the OA2AE-R01 consists of several critical stages to process weak signals from sensors: ### A. Potentiostat Circuit Electrochemical sensors produce current proportional to gas concentration. The internal potentiostat maintains a constant bias voltage between the **Reference Electrode (RE)** and **Working Electrode (WE)** of the sensor. ### B. Transimpedance Amplifier (TIA) Since gas sensors output current (often in the nano-ampere range), the TIA converts this tiny current into a measurable voltage. * **Programmable Gain:** Allows the module to be calibrated for different gas sensitivities. ### C. Analog-to-Digital Converter (ADC) The converted voltage is digitized via an internal high-resolution ADC, ensuring that the MCU receives clean, noise-filtered data. ### D. EEPROM Memory The module typically contains non-volatile memory to store: * Calibration coefficients. * Sensor serial numbers. * Temperature compensation data. --- ## 3. Pin Configuration (Typical) While the physical form factor may vary by manufacturer implementation, the logical pins are categorized as follows: | Pin Type | Function | | :--- | :--- | | **VCC/GND** | Power supply pins. | | **SCL/SDA** | I2C clock and data lines for communication. | | **WE/RE/CE** | Working, Reference, and Counter electrode connections to the gas sensor. | | **INT** | Interrupt pin to alert the MCU when a threshold is met. | --- ## 4. Typical Application Circuit When integrating the OA2AE-R01, the electronic setup usually follows this flow: ```mermaid graph LR A[Gas Sensor] -- Current --> B[OA2AE-R01 TIA] B -- Analog Voltage --> C[Internal ADC] C -- Digital Signal --> D[I2C Bus] D --> E[Host Microcontroller] ``` --- ## 5. Usage Advantages * **Low Noise:** Integrated filtering prevents EMI from affecting the sensitive gas readings. * **Compact Size:** Replaces a large discrete circuit involving multiple op-amps and resistors. * **Temperature Compensation:** Includes internal logic to adjust readings based on ambient temperature fluctuations.
    ✨ Follow-up Questions
    • ⤷ What are the specific I2C register addresses for the OA2AE-R01?
    • ⤷ Can this module be used with 3-electrode vs 2-electrode sensors?
    • ⤷ What is the typical power consumption in Sleep Mode for this part?