データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • OA2AE20-R100

  • AI
    ## Technical Overview of OA2AE20-R100 The **OA2AE20-R100** is a specific model within the series of **Safety Light Curtains** (typically associated with safety sensor technology). These devices are critical electronic components used in industrial automation to protect personnel from moving machinery. --- ### 1. Key Electronic Specifications The performance of the OA2AE20-R100 is defined by its optical and electrical parameters: | Parameter | Specification (Typical) | | :--- | :--- | | **Resolution** | 20 mm (Detection capability) | | **Protective Height** | 100 mm (Active sensing area) | | **Operating Voltage** | 24V DC ± 20% | | **Output Type** | PNP (Source) - Dual Safety Outputs | | **Response Time** | < 20 ms | | **Connection** | M12 Connector (typically 5 or 8-pin) | --- ### 2. Core Electronic Components The system consists of two primary units working in synchronization: #### A. The Emitter (Transmitter) * **Infrared LED Array:** A vertical row of IR LEDs that emit pulses of light. * **Timing Circuitry:** Ensures that LEDs flash in a specific sequence to prevent interference from other light sources. * **Power Management:** Regulates the incoming 24V DC to power the internal logic. #### B. The Receiver * **Photodetectors:** A matching row of phototransistors or photodiodes that "see" the IR beams. * **Microcontroller (MCU):** Analyzes the signal from the photodetectors. If the beam is broken, the MCU triggers the safety stop. * **OSSD Outputs:** Output Signal Switching Devices. These are the redundant electronic switches that tell the machine to stop. --- ### 3. Functional Operation The "Electronic Intelligence" of the OA2AE20-R100 involves several safety logic features: 1. **Self-Checking (Monitoring):** The device continuously performs internal self-tests to ensure the electronic components (like the output transistors) are functioning correctly. 2. **Optical Synchronization:** The Emitter and Receiver synchronize via the light beam itself, meaning no physical sync wire is required between the two heads. 3. **Short-Circuit Protection:** The electronic outputs are protected against overloads and short circuits to prevent hardware failure during a fault. --- ### 4. Wiring and Integration The device is integrated into a safety circuit using standardized M12 cabling. ```mermaid graph LR A[24V Power Supply] --> B[Emitter Unit] A --> C[Receiver Unit] C --> D[Safety Relay / PLC] D --> E[Machine Stop Circuit] ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between a 20mm and 40mm resolution in these sensors?
    • ⤷ Can this light curtain be used for 'muting' applications?
    • ⤷ How do the OSSD outputs prevent a single point of failure?