データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • OA2AS18-R100

  • AI
    ## Overview: OA2AS18-R100 The **OA2AS18-R100** is a specialized electronic component, typically categorized as a **High-Frequency/Microwave Amplifier Module**. These modules are commonly used in telecommunications, radar systems, and laboratory testing environments. --- ### Key Specifications & Electronic Characteristics Based on the standard nomenclature for this series of amplifiers (often associated with manufacturers like Centellax or similar RF specialists), here are the typical technical attributes: | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | RF / Microwave Amplifier | | **Frequency Range** | Usually Broadband (e.g., 10 MHz to 18-20 GHz) | | **Gain** | Approximately 10 - 15 dB (varies by specific sub-model) | | **Connector Type** | SMA Female (Standard) | | **Impedance** | 50 Ohms | | **DC Voltage Supply** | Typically +5V to +8V DC | --- ### Internal Electronic Components The module is not a single transistor but an integrated assembly. Its internal architecture generally consists of: 1. **GaAs (Gallium Arsenide) MMIC:** The heart of the device is a Monolithic Microwave Integrated Circuit. GaAs is used instead of Silicon because it allows for much higher electron mobility, necessary for high-frequency signals. 2. **Decoupling Capacitors:** Small surface-mount capacitors integrated within the housing to filter out noise from the DC power supply. 3. **Matching Networks:** Internal passive components (inductors and capacitors) designed to ensure the input and output impedance remains strictly at 50 Ohms to prevent signal reflection (VSWR). 4. **Bias Tee:** An internal circuit that allows the DC power to reach the active transistors without interfering with the RF signal path. --- ### Typical Application Diagram In a standard electronic circuit, the OA2AS18-R100 acts as a "Buffer" or "Gain Stage": ```text [Signal Source] ---> [Input: SMA] ---> [OA2AS18-R100] ---> [Output: SMA] ---> [Load/Antenna] ^ | [+V DC Supply] ``` ### Usage Considerations * **Heat Dissipation:** Because these modules operate at high frequencies and draw significant current, they often require a heat sink or mounting to a metal chassis. * **Electrostatic Discharge (ESD):** High-frequency MMICs are extremely sensitive to static. Proper grounding is required during installation. * **Saturation:** Exceeding the input power limit (P1dB) will cause the electronic parts to enter a non-linear state, distorting the signal. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact gain and power consumption for the OA2AS18-R100 model?
    • ⤷ Can this module be used for 5G signal amplification?
    • ⤷ What are the specific pinout requirements for the DC bias?