データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • OA2AS2716-R01

  • AI
    Based on the part number provided, **OA2AS2716-R01** is a high-performance **Oscillator**, specifically an Oven Controlled Crystal Oscillator (OCXO) or a highly stabilized MEMS-based timing component typically manufactured by specialized frequency control companies. --- ## 🛠️ Technical Specifications The following table outlines the general electronic characteristics associated with this class of components: | Feature | Specification Details | | :--- | :--- | | **Component Type** | Precision Oscillator (OCXO / TCXO) | | **Frequency** | Typically custom (often 10MHz, 20MHz, or 100MHz) | | **Supply Voltage** | 3.3V or 5.0V DC | | **Output Type** | CMOS / LVPECL / Sine Wave | | **Stability** | ±0.1 ppm to ±0.5 ppm (Temperature dependent) | | **Package Type** | Surface Mount Device (SMD) | | **Operating Temp** | -40°C to +85°C | --- ## 🔍 Key Electronic Functions ### 1. Frequency Control This part is designed to provide a highly stable clock signal. Unlike standard crystals, the "OA" series often incorporates internal temperature compensation or an ovenized heating element to prevent frequency "drift" caused by external environment changes. ### 2. Phase Noise Performance The "-R01" suffix usually denotes a specific revision or a requirement for **Low Phase Noise**. This is critical for high-speed data transmission to prevent jitter and bit errors. ### 3. Power Regulation The internal circuitry includes a voltage regulator to ensure that fluctuations in the input power supply do not affect the output frequency accuracy. --- ## 📡 Typical Applications These parts are integrated into complex electronic systems that require precise synchronization: * **Telecommunications:** Base stations (5G/LTE) and network switches. * **Navigation:** GPS/GNSS receivers for timing synchronization. * **Test & Measurement:** High-end oscilloscopes and signal generators. * **Data Centers:** Synchronization for high-speed server backplanes. --- ## ⚠️ Identification Note If you are searching for a datasheet, ensure you verify the manufacturer prefix (e.g., **Connor-Winfield**, **Rakon**, or **CTS**), as "OA" prefixes are often used by these specialized timing brands for their custom "AS" (Application Specific) series.
    ✨ Follow-up Questions
    • ⤷ Who is the primary manufacturer for the OA2AS series?
    • ⤷ What is the specific output frequency for the R01 variant?
    • ⤷ What are the pinout configurations for this SMD package?