データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • OG-F8HS28DP

  • AI
    The **OG-F8HS28DP** is a specialized high-performance optical transceiver module, typically used in advanced fiber optic communication systems. Below is a detailed breakdown of its electronic components, specifications, and functions. --- ## 1. Core Technical Specifications The part number indicates it is likely an **8G Fibre Channel** or high-speed Ethernet module using an **SFP+ (Small Form-factor Pluggable)** interface. | Feature | Specification | | :--- | :--- | | **Form Factor** | SFP+ (Plug-and-Play) | | **Data Rate** | Up to 8.5 Gbps (Fibre Channel) / 10 Gbps (Ethernet) | | **Wavelength** | 850nm (Short-Haul / Multi-mode) | | **Connector Type** | Dual LC (Lucent Connector) | | **Transmission Distance** | Up to 300m (on OM3 fiber) | | **Supply Voltage** | 3.3V DC | --- ## 2. Internal Electronic Components The internal circuitry consists of four primary subsystems: ### A. The Optical Transmitter (TOSA) * **VCSEL Laser:** The "heart" of the module. It converts electrical data signals into light pulses. * **Laser Driver IC:** Manages the bias current and modulation current to the laser, ensuring signal integrity and preventing damage to the diode. ### B. The Optical Receiver (ROSA) * **PIN Photodiode:** Detects incoming light pulses and converts them back into weak electrical currents. * **TIA (Trans-Impedance Amplifier):** Amplifies the weak current from the photodiode into a usable voltage signal for the host system. ### C. Digital Diagnostics (DDMI) * **EEPROM/Microcontroller:** Contains a small memory chip that stores information about the manufacturer, serial number, and operating parameters. * **Real-time Monitoring:** The module monitors its own temperature, voltage, laser bias current, and optical power levels. ### D. Physical Interface * **Gold Finger Pins:** The 20-pin electrical interface that connects to the host switch/router. * **EMI Shielding:** Metal housing designed to minimize electromagnetic interference. --- ## 3. Pin Configuration (Electronic Interface) The module follows the standard SFP+ pinout protocol. Key pins include: | Pin Number | Name | Function | | :--- | :--- | :--- | | **Pin 12/13** | RD- / RD+ | Differential Receiver Data Output | | **Pin 15/16** | VccR / VccT | 3.3V Power Supply for Receiver and Transmitter | | **Pin 18/19** | TD+ / TD- | Differential Transmitter Data Input | | **Pin 4/5** | SDA / SCL | I2C Serial Interface for Diagnostics | --- ## 4. Operational Conditions To ensure the electronic parts function correctly, the following environmental parameters must be met: * **Operating Temperature:** 0°C to 70°C (Standard Commercial Grade). * **Power Dissipation:** Typically < 1W to prevent thermal throttling.
    ✨ Follow-up Questions
    • ⤷ What is the compatible fiber type for the OG-F8HS28DP module?
    • ⤷ How does DDMI monitoring help in network troubleshooting?
    • ⤷ Can this module be used in a 10G SFP+ port?