データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • OGW110-R

  • AI
    The **OGW110-R** is an industrial-grade **LoRaWAN Gateway** designed by **RisingHF**. It serves as a bridge between LoRa (Long Range) end-nodes and a cloud-based network server. Below is a breakdown of its electronic components, technical specifications, and internal architecture. --- ### 1. Core Technical Specifications The OGW110-R is built to handle heavy traffic in harsh environments, featuring high sensitivity and multi-channel processing. | Component | Specification | Details | | :--- | :--- | :--- | | **Microprocessor** | ARM Cortex-A7 | High-performance application processor for Linux OS. | | **LoRa Chipset** | Semtech SX1301/SX1308 | Digital baseband chip for high-capacity gateway. | | **RF Front-end** | Dual SX1257/SX1255 | High-linearity radio frequency transceivers. | | **RAM** | 512MB DDR3 | Sufficient for local data buffering and OS tasks. | | **Storage** | 8GB eMMC | Non-volatile storage for firmware and logs. | | **Channels** | 8 Uplink / 1 Downlink | Supports multi-SF (Spreading Factor) scanning. | --- ### 2. Key Electronic Modules #### A. The RF Section (LoRa Concentrator) The heart of the OGW110-R is the **SX1301 concentrator engine**. - **Parallel Processing:** It can receive packets from multiple nodes on different frequencies and different spreading factors simultaneously. - **Sensitivity:** It offers sensitivity down to **-140dBm**, allowing it to pick up very weak signals from miles away. - **Antenna Port:** Usually features an N-type or SMA connector with high ESD protection to prevent damage from static or lightning. #### B. Connectivity & Backhaul The gateway converts LoRa radio packets into IP-based data via the following interfaces: * **Ethernet (RJ45):** 10/100M port, often supporting **PoE (Power over Ethernet)** for simplified outdoor installation. * **4G/LTE (Optional):** Many R-series models include a Mini-PCIe slot for cellular modules to provide backhaul where Wi-Fi or Ethernet is unavailable. * **Wi-Fi:** Supports 2.4GHz for local configuration or wireless backhaul. #### C. Power Management The OGW110-R is designed for industrial reliability: * **Input Voltage:** Typically supports 12V DC or 48V PoE. * **Protection Circuits:** Includes Overvoltage Protection (OVP) and Overcurrent Protection (OCP) to ensure continuous operation in industrial power grids. --- ### 3. Firmware and Software Stack The hardware runs on an **Embedded Linux** distribution, allowing for advanced electronic features: 1. **Packet Forwarder:** Translates LoRa physical layer data into UDP/TCP packets for the Network Server (e.g., TTN, ChirpStack). 2. **SSH/Web UI:** Electronic configuration interface for managing frequency plans (EU868, US915, AU915, etc.). 3. **Watchdog Timer:** A hardware circuit that automatically reboots the system if the software freezes. --- ### 4. Hardware Architecture Overview ```mermaid graph LR A[LoRa Antenna] --> B[RF Front-end SX1257] B --> C[SX1301 Baseband Processor] C --> D[ARM Cortex-A7 CPU] D --> E[Ethernet/PoE] D --> F[4G/LTE Module] D --> G[RAM/eMMC Storage] ```
    ✨ Follow-up Questions
    • ⤷ How does the SX1301 chip differ from the newer SX1302 in LoRa gateways?
    • ⤷ What are the specific power consumption requirements for the OGW110-R?
    • ⤷ Can the OGW110-R be integrated with the Helium Network?