データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • OP1177ARM-R2

  • AI
    ## Overview of OP1177ARM-R2 The **OP1177ARM-R2** is a high-precision, low-noise operational amplifier manufactured by Analog Devices. It is part of the OPx177 family, known for its extremely low offset voltage and drift, making it ideal for precision instrumentation and sensor signal conditioning. --- ### Technical Specifications The following table summarizes the key electrical characteristics of the OP1177ARM-R2: | Parameter | Specification | | :--- | :--- | | **Number of Channels** | 1 (Single) | | **Supply Voltage (Dual)** | ±2.5V to ±15V | | **Supply Voltage (Single)** | 5V to 30V | | **Offset Voltage (Max)** | 60 µV | | **Offset Drift (Max)** | 0.7 µV/°C | | **Gain Bandwidth Product** | 1.3 MHz | | **Slew Rate** | 0.7 V/µs | | **Package / Case** | 8-MSOP (RM-8) | | **Operating Temperature** | -40°C to +125°C | --- ### Key Features * **Precision Performance:** With very low input offset voltage and minimal drift over temperature, it eliminates the need for manual trimming in most circuits. * **Low Noise:** Designed for high-fidelity signal processing with low low-frequency noise (0.4 µV p-p). * **Low Bias Current:** The input bias current is typically around 2 nA, which minimizes errors when using high-impedance sensors. * **Stability:** It is stable with capacitive loads and offers high open-loop gain (typically 120 dB), ensuring excellent linearity. --- ### Typical Applications 1. **Precision Instrumentation:** Used in weigh scales, strain gauges, and medical instrumentation. 2. **Sensor Interfaces:** Ideal for thermocouples, RTDs (Resistance Temperature Detectors), and pressure sensors. 3. **Active Filters:** High-order precision filters where component tolerances are tight. 4. **Reference Buffers:** Providing a stable, low-noise output for voltage references. --- ### Package Information (8-MSOP) The "ARM" suffix indicates the package type. The 8-lead MSOP (Mini Small Outline Package) is a surface-mount component that is significantly smaller than standard SOIC packages, making it suitable for space-constrained PCB designs. ```text Pin Configuration (Top View): 1: NC (No Connection) 2: -IN (Inverting Input) 3: +IN (Non-inverting Input) 4: V- (Negative Supply) 5: NC 6: OUT (Output) 7: V+ (Positive Supply) 8: NC ```
    ✨ Follow-up Questions
    • ⤷ How does the OP1177 compare to the OP07 in terms of performance?
    • ⤷ What are the power consumption characteristics of this IC?
    • ⤷ Can this op-amp be used in a single-supply 3.3V system?