データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • OP1177ARMZ-R7

  • AI
    The **OP1177ARMZ-R7** is a high-precision, low-noise operational amplifier manufactured by Analog Devices. It belongs to the OP77/OP177 family of precision amplifiers but is optimized for lower power consumption and surface-mount applications. --- ## 1. Core Technical Specifications The following table highlights the critical electrical parameters of the OP1177 series: | Parameter | Value / Range | | :--- | :--- | | **Input Offset Voltage** | 60 μV (Maximum) | | **Offset Drift** | 0.7 μV/°C (Maximum) | | **Supply Voltage Range** | ±2.5 V to ±15 V (or 5V to 30V single supply) | | **Supply Current** | 400 μA per amplifier | | **Common-Mode Rejection (CMRR)** | 130 dB | | **Gain Bandwidth Product** | 1.3 MHz | | **Package Type** | 8-Lead MSOP (Micro Small Outline Package) | --- ## 2. Breakdown of the Part Number Understanding the nomenclature helps in identifying the specific variant: * **OP1177**: The base model number (Single channel, high precision). * **A**: Grade (Indicates specific performance/temperature accuracy). * **RM**: Package designator for **MSOP-8**. * **Z**: RoHS compliant (Lead-free). * **R7**: Packaging format (7-inch Tape and Reel, typically 1,000 units). --- ## 3. Key Electronic Characteristics ### Precision and Stability The OP1177 is designed for applications where accuracy is critical. It features extremely low **Input Offset Voltage**, meaning there is very little error introduced when comparing two input signals. Its low drift ensures that performance remains stable even as the operating temperature fluctuates. ### Power Efficiency Unlike many high-precision amplifiers that require significant current, the OP1177 operates at only **400 μA**. This makes it suitable for portable instrumentation or high-density circuit boards where heat dissipation and battery life are concerns. ### Input/Output Behavior While it is not a "Rail-to-Rail" amplifier, its input voltage range is wide, and it maintains high **Power Supply Rejection (PSRR)**, ensuring that noise from the power source does not interfere with the signal processing. --- ## 4. Common Applications * **Precision Filters:** Low-pass or band-pass filters requiring high accuracy. * **Sensor Interfaces:** Amplifying small signals from thermocouples, RTDs, and bridge sensors. * **Instrumentation:** Measurement equipment and medical devices. * **Photodiode Amplifiers:** Due to its low bias current and low noise. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between the OP1177 and the OP2177?
    • ⤷ Can the OP1177 be used in a single-supply 5V circuit?
    • ⤷ What are the recommended decoupling capacitor values for this IC?