データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • OP2177ARMZ-R2

  • AI
    ## OP2177ARMZ-R2: High Precision Dual Operational Amplifier The **OP2177ARMZ-R2** is a high-precision, low-noise, dual-channel operational amplifier (op-amp) manufactured by **Analog Devices**. It is part of the industry-standard OPx177 family, known for its extremely low offset voltage and drift. --- ### 1. Key Technical Specifications The following table summarizes the primary electrical characteristics of the OP2177ARMZ-R2: | Parameter | Specification | | :--- | :--- | | **Number of Channels** | 2 (Dual) | | **Package Type** | MSOP-8 (ARMZ suffix) | | **Supply Voltage (Range)** | ±2.5 V to ±15 V (or 5 V to 30 V single supply) | | **Offset Voltage ($V_{os}$)** | 60 μV maximum | | **Offset Drift** | 0.7 μV/°C maximum | | **Gain Bandwidth Product** | 1.3 MHz | | **Slew Rate** | 0.7 V/μs | | **Supply Current** | 400 μA per amplifier | | **Input Bias Current** | 2 nA maximum | --- ### 2. Functional Description The OP2177 is designed for applications where precision is critical. Below are the core electronic attributes: * **Ultra-Low Offset:** With a maximum offset of 60 μV, it minimizes DC errors in signal conditioning circuits without requiring external trimming. * **Low Noise:** It offers a low noise density (approx. 8 nV/√Hz at 1 kHz), making it suitable for amplifying small signals from sensors. * **High Common-Mode Rejection (CMRR):** Typically exceeds 120 dB, allowing the device to effectively reject noise common to both input terminals. * **Stability:** The device is unity-gain stable and maintains high accuracy over a wide temperature range (-40°C to +125°C). --- ### 3. Pin Configuration (MSOP-8) The "ARMZ" designation refers to the 8-lead Mini Small Outline Package. ```text Pin 1: OUT A Pin 8: V+ (Positive Supply) Pin 2: -IN A Pin 7: OUT B Pin 3: +IN A Pin 6: -IN B Pin 4: V- (Neg) Pin 5: +IN B ``` --- ### 4. Common Applications Due to its high precision and low power consumption, the OP2177ARMZ-R2 is frequently used in: 1. **Precision Filters:** Active low-pass or band-pass filters in instrumentation. 2. **Sensor Interfaces:** Amplifying outputs from thermocouples, RTDs, and strain gauges. 3. **Medical Instrumentation:** Low-frequency signal acquisition (ECG/EEG). 4. **Reference Buffers:** Providing stable voltage references for ADCs and DACs. ---
    ✨ Follow-up Questions
    • ⤷ How does the OP2177 compare to the OP2177-EP enhanced product version?
    • ⤷ What are the specific soldering requirements for the MSOP-8 ARMZ package?
    • ⤷ Can the OP2177 be used in a single-supply 3.3V system?