データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • OP2177ARMZ-R71

  • AI
    ## Technical Overview: OP2177ARMZ-R7 The **OP2177ARMZ-R7** is a high-precision, dual-channel operational amplifier (op-amp) manufactured by **Analog Devices**. It belongs to the OPx177 family, known for combining extremely low offset voltage with very low drift and noise. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Channels** | Dual (2) | | **Supply Voltage (Single)** | 5V to 36V | | **Supply Voltage (Dual)** | ±2.5V to ±18V | | **Offset Voltage (Max)** | 60 μV | | **Offset Drift (Max)** | 0.7 μV/°C | | **Gain Bandwidth Product** | 1.3 MHz | | **Slew Rate** | 0.7 V/μs | | **Quiescent Current** | 400 μA per amplifier | | **Package Type** | MSOP-8 (ARMZ) | | **Operating Temperature** | -40°C to +125°C | --- ### 2. Part Number Breakdown: OP2177ARMZ-R7 Understanding the suffix helps identify the physical and packaging characteristics: * **OP2177**: The base functional model (Dual, high-precision op-amp). * **A**: Indicates the performance grade (Standard precision grade for this series). * **RMZ**: Refers to the **MSOP-8** (Mini Small Outline Package) and indicates it is **RoHS compliant** (Lead-free). * **R7**: Specifies the packaging format, meaning it is shipped on a **7-inch Tape and Reel** (usually containing 1,000 units). --- ### 3. Core Features and Advantages 1. **Ultra-Low Offset Voltage:** With a maximum of 60 μV, it minimizes the need for external trimming in high-accuracy circuits. 2. **Stability over Temperature:** The extremely low drift (0.7 μV/°C) ensures the circuit remains accurate despite environmental temperature changes. 3. **Low Noise:** Designed for sensitive instrumentation, providing a low noise floor for signal conditioning. 4. **Wide Supply Range:** Its ability to operate up to ±18V makes it versatile for industrial applications, while its efficiency allows for use in battery-powered devices. --- ### 4. Common Applications * **Precision Filters:** Active filters where high accuracy and stability are required. * **Strain Gage Amplifiers:** Used in weighing scales and pressure sensors. * **Instrumentation:** Front-end signal conditioning for data acquisition systems. * **Thermocouple Amplifiers:** Measuring microvolt-level signals from temperature sensors. * **Precision Current Sensing:** Monitoring power rails in industrial equipment. ---
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the OP2177 and the single-channel OP1177?
    • ⤷ Can this op-amp be used in a single-supply 5V logic circuit?
    • ⤷ How does the MSOP-8 footprint compare to the standard SOIC-8 in terms of board space?