データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • OS-RXL-2

  • AI
    The **OS-RXL-2** is an industrial-grade, high-sensitivity RF receiver module typically used in remote control systems, security alarms, and wireless data transmission. It operates on the principle of Superheterodyne reception. Below is a detailed breakdown of its electronic components and technical specifications. --- ### 1. Core Technical Specifications The OS-RXL-2 is designed for stability and low noise interference. | Feature | Specification | | :--- | :--- | | **Operating Voltage** | 3.3V - 5.5V DC | | **Operating Frequency** | 315MHz or 433.92MHz (Common variants) | | **Receiver Sensitivity** | -110 dBm to -114 dBm | | **Current Consumption** | ~5.0mA - 6.0mA | | **Modulation Type** | ASK / OOK (Amplitude Shift Keying) | | **Output Type** | Digital (TTL Level) | --- ### 2. Key Internal Electronic Components The board consists of several critical stages that process the incoming radio signal: #### A. The Front-End Filter (SAW Filter) Most high-quality RXL-2 modules utilize a **Surface Acoustic Wave (SAW)** filter. This component is crucial for: * Filtering out out-of-band interference (like cellular or Wi-Fi signals). * Ensuring frequency stability despite temperature changes. #### B. The Superheterodyne IC Unlike cheaper "Super-regenerative" receivers, the RXL-2 uses a dedicated Superheterodyne chip (often from the SYN or CMT series). This IC contains: * **LNA (Low Noise Amplifier):** Amplifies the weak radio signal received by the antenna. * **Local Oscillator:** Creates an internal frequency to mix with the incoming signal. * **Mixer & IF Stage:** Converts the high-frequency RF signal down to an Intermediate Frequency (IF) for easier processing. #### C. Crystal Oscillator A quartz crystal (usually 6.7458MHz for 433MHz units) provides the precise clock timing required for the frequency synthesizer. This prevents "frequency drift," making it much more reliable than tunable inductors. #### D. Data Slicer / Comparator This circuit converts the analog sine waves from the radio stage into a clean square-wave digital signal (0s and 1s) that a microcontroller (like Arduino or an STM32) can interpret. --- ### 3. Pinout Configuration The module typically features a 4-pin or 5-pin layout: | Pin Name | Function | Description | | :--- | :--- | :--- | | **VCC** | Power | Connect to 3.3V or 5V source. | | **GND** | Ground | Common ground. | | **DATA** | Signal Output | Digital output of the received data. | | **ANT** | Antenna | Connection point for a 17.3cm (for 433MHz) wire antenna. | --- ### 4. Implementation Example To interface the OS-RXL-2 with a microcontroller, the following basic logic applies: ```cpp // Basic Arduino Snippet to read RXL-2 Data int rxPin = 2; // Connect DATA pin to Digital Pin 2 void setup() { pinMode(rxPin, INPUT); Serial.begin(9600); } void loop() { int sensorValue = digitalRead(rxPin); if (sensorValue == HIGH) { // Logic for processing incoming pulse } } ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between Superheterodyne and Super-regenerative receivers?
    • ⤷ How do I calculate the optimal antenna length for a 433MHz RXL-2 module?
    • ⤷ Can the OS-RXL-2 be used for bi-directional communication?