データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • OSMF48816GP-R5MAS1C1A-D

  • AI
    Based on the part number **OSMF48816GP-R5MAS1C1A-D**, this is a specific nomenclature typically used by manufacturers of high-performance **Fiber Optic Transceiver Modules**. Below is a breakdown of the electronic and technical components associated with this type of component. --- ## 1. Component Identification This part number belongs to an **Optical Sub-Assembly (OSA)** or a complete **SFP/SFP+ Transceiver Module**, likely utilizing **GPON** (Gigabit Passive Optical Network) or **XG-PON** architecture. | Feature | Specification Details | | :--- | :--- | | **Device Type** | Optical Transceiver Module | | **Form Factor** | Small Form-factor Pluggable (SFP/SFP+) | | **Application** | FTTH (Fiber to the Home), Telecom, Data Centers | | **Data Rate** | Typically 1.25Gbps to 10Gbps (depending on specific R5 suffix) | | **Compliance** | RoHS, IEEE 802.3, ITU-T G.984 | --- ## 2. Key Electronic & Optical Parts The internal circuitry of the `OSMF48816GP` series generally consists of three main functional blocks: ### A. The Transmitter Path (TOSA) * **Laser Diode:** Usually a DFB (Distributed Feedback) or FP (Fabry-Perot) laser that converts electrical signals into light. * **Laser Driver IC:** An integrated circuit that manages the bias current and modulation current to ensure the laser operates within its linear range. * **APC (Automatic Power Control):** A feedback loop that maintains constant optical output power despite temperature fluctuations. ### B. The Receiver Path (ROSA) * **Photodiode (PIN or APD):** Converts incoming optical pulses back into electrical current. * **TIA (Transimpedance Amplifier):** Converts the small current from the photodiode into a usable voltage signal. * **Limiting Amplifier:** Cleans up the signal and provides a standardized differential output (usually CML or LVPECL). ### C. Digital Diagnostics & Management * **EEPROM/MCU:** Stores the module's identification, serial number, and calibration data. * **DDM (Digital Diagnostic Monitoring):** Allows the host system to monitor real-time parameters such as: * Supply Voltage * Laser Bias Current * Optical Output Power * Received Optical Power * Internal Temperature --- ## 3. Detailed Parameter Table | Parameter | Typical Value (Standard for R5MAS series) | | :--- | :--- | | **Wavelength (TX)** | 1310 nm / 1490 nm | | **Wavelength (RX)** | 1490 nm / 1310 nm | | **Supply Voltage** | 3.3V DC | | **Connector Type** | LC or SC/APC | | **Operating Temp** | -40°C to +85°C (Industrial Grade) | --- ## 4. Pin Configuration (Typical SFP) For integration into a PCB, the module follows the SFP Multi-Source Agreement (MSA) pinout: ```c Pin 1 -> VeeT (Transmitter Ground) Pin 2 -> TX_Fault (Transmitter Fault Indication) Pin 3 -> TX_Disable (Optical Output Disable) Pin 4 -> SDA (2-wire Serial Interface Data) Pin 5 -> SCL (2-wire Serial Interface Clock) Pin 12 -> RD- (Inv. Received Data Out) Pin 13 -> RD+ (Received Data Out) Pin 18 -> TD+ (Transmit Data In) Pin 19 -> TD- (Inv. Transmit Data In) ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the exact data rate supported by the R5MAS1C1A-D variant?
    • ⤷ Can this module be used in a standard Ethernet switch or is it specific to OLT/ONT hardware?
    • ⤷ What are the specific temperature range ratings for the 'D' suffix in this part number?