データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • P-323-R2

  • AI
    The **P-323-R2** is a specific electronic component most commonly identified as a **Potentiometer** (variable resistor), often used in industrial controls, audio equipment, or precision instrumentation. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Specifications The P-323-R2 belongs to a class of rotary potentiometers designed for panel mounting. | Feature | Description | | :--- | :--- | | **Component Type** | Rotary Potentiometer / Variable Resistor | | **Adjustment Type** | Top Adjustment / Side Adjustment (depending on series) | | **Resistance Taper** | Linear (Standard for R2 suffix) | | **Mounting Type** | Through-hole (PCB) or Panel Mount | | **Termination** | Solder Lugs or PC Pins | --- ### 2. Core Electronic Components The internal construction of the P-323-R2 consists of three primary electronic elements: 1. **Resistive Element:** Usually composed of **Carbon Film** or **Cermet**. This provides the fixed resistance between the two outer terminals. 2. **Wiper (Contact):** A metal brush that moves along the resistive element as the shaft is turned, creating a voltage divider. 3. **Terminals:** * *Terminal 1 & 3:* The ends of the resistive track. * *Terminal 2 (Center):* The wiper output, which provides the variable voltage or resistance. --- ### 3. Electrical Characteristics When integrating this part into a circuit, the following parameters are critical: * **Resistance Value:** Commonly ranges from $1k\Omega$ to $1M\Omega$ (check the specific marking on the housing). * **Power Rating:** Typically rated between **0.1W and 0.5W**. Exceeding this will cause the resistive element to burn out. * **Voltage Rating:** Usually rated for maximums of **200V DC** or **150V AC**. * **Rotational Life:** Rated for approximately **10,000 to 15,000 cycles**. --- ### 4. Typical Application Circuit In most electronic designs, the P-323-R2 is used as a **Voltage Divider**. ```spice Input (VCC) ---- [ Terminal 1 ] | [ Resistive ] <---- [ Terminal 2 ] ----> Output (V_out) | Ground (GND) ---- [ Terminal 3 ] ``` --- ### 5. Maintenance and Troubleshooting * **Noise (Crackling):** If the part is old, dust can settle on the resistive track. This is often fixed using an electronic contact cleaner (DeoxIT). * **Dead Spots:** If the resistance jumps to infinity at a certain point, the resistive track is likely cracked or worn through, requiring a component replacement.
    ✨ Follow-up Questions
    • What is the specific total resistance value marked on your P-323-R2 unit?
    • Are you looking for a pin-compatible replacement for this specific part?
    • How is this component behaving in your current circuit?