データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • P-D4-R

  • AI
    Based on the technical nomenclature commonly used in the electronics and industrial control industry, the **P-D4-R** typically refers to a **Power Distribution Module** or a **Terminal Block Component** (often associated with brands like Phoenix Contact or Dinkle). Below is a breakdown of the electronic parts and specifications associated with this type of component. --- ### 1. General Specifications The P-D4-R is designed to distribute power from a single input source to multiple output points, often utilizing a "Push-in" or "Plug-in" connection method. | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | Distribution Block / Rail-mounted Terminal | | **Mounting Type** | DIN Rail (35mm) | | **Connection Method** | Push-in / Spring-cage | | **Voltage Rating** | 250V - 600V (Application dependent) | | **Current Rating** | 10A - 32A per channel | | **Color Coding** | Red (indicated by the "-R" suffix) | --- ### 2. Key Electronic & Mechanical Parts #### A. Conductive Busbar The heart of the P-D4-R is a high-conductivity **Copper or Brass alloy busbar**. This part carries the main current load. In distribution modules, this bar connects the input terminal to all output terminals internally, ensuring equal potential across all points. #### B. The Housing (Insulation) The outer shell is made of **Polyamide (PA 6.6)**. This material is chosen for: * **Flammability Rating:** Usually UL 94 V-0 (self-extinguishing). * **Dielectric Strength:** High resistance to prevent arcing between adjacent rails. #### C. Spring Clamp / Push-in Connector Unlike traditional screw terminals, the "P" in many series stands for **Push-in**. * **Stainless Steel Spring:** Provides the mechanical force to hold the wire. * **Release Button:** Usually an orange or red actuator that allows the wire to be removed without specialized tools. #### D. The "-R" Indicator (Red) In industrial wiring, the **Red** color typically signifies: * **DC Positive (+):** Used in 24V DC control circuits. * **Control AC:** Used for switched hot wires in 120V/230V circuits. --- ### 3. Application Diagram How the P-D4-R functions within an electrical cabinet: ```mermaid graph LR Input[Main Power Input] --> P-D4-R P-D4-R --> Out1[Sensor 1] P-D4-R --> Out2[Sensor 2] P-D4-R --> Out3[PLC Input] P-D4-R --> Out4[HMI Power] ``` --- ### 4. Technical Advantages 1. **Vibration Resistance:** The spring-loaded mechanism prevents wires from loosening in high-vibration environments (unlike screw terminals). 2. **Space Efficiency:** Allows for high-density wiring on a standard DIN rail. 3. **Tool-free Wiring:** Reduces labor time by allowing solid wires or ferrules to be pushed directly into the slot.
    ✨ Follow-up Questions
    • ⤷ What is the maximum wire gauge supported by the P-D4-R?
    • ⤷ Are there specific bridge accessories available for interconnecting multiple P-D4-R units?
    • ⤷ What is the difference between the -R (Red) and -B (Blue) versions of this part?