データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • P-R33-

  • AI
    The **P-R33** (often associated with the **P-R33-1** series) typically refers to a specific type of **Miniature Magnetic Proximity Switch** or **Reed Sensor**. These are electronic components used primarily for position sensing, safety interlocking, and automation. --- ### 1. Technical Specifications Below are the typical electronic characteristics for a P-R33 series magnetic switch: | Feature | Specification | | :--- | :--- | | **Contact Type** | Normally Open (N.O.) or SPST | | **Switching Voltage** | 100V DC (Max) | | **Switching Current** | 0.5A (Max) | | **Contact Rating** | 10W | | **Sensing Distance** | 5mm to 15mm (depending on magnet strength) | | **Operating Temperature** | -20°C to +85°C | | **Housing Material** | ABS Plastic or Stainless Steel | --- ### 2. Core Internal Components The P-R33 operates using two primary sub-parts: 1. **The Reed Switch:** A glass envelope containing two ferrous metal reeds. In the presence of a magnetic field, the reeds pull together to complete the circuit. 2. **The Permanent Magnet:** A separate housing containing a Neodymium or Ferrite magnet that triggers the sensor when it moves within range. 3. **Potting Material:** Epoxy resin used inside the P-R33 housing to protect the fragile glass reed from vibration and moisture. --- ### 3. Wiring Diagram Concept The component is usually "Passive," meaning it does not require power to operate—it simply acts as a mechanical switch triggered by magnetism. ```mermaid graph LR A[Power Source] --- B(P-R33 Sensor) B --- C{Magnetic Field?} C -- Yes --> D[Circuit Closed / Load ON] C -- No --> E[Circuit Open / Load OFF] ``` --- ### 4. Common Applications * **Security Systems:** Detecting if a window or door is open. * **Pneumatic Cylinders:** Sensing the end-of-stroke position of a piston. * **Industrial Automation:** Limit switching for conveyor belts or robotic arms. * **Household Appliances:** Determining if a lid is closed (e.g., washing machines). ---
    ✨ Follow-up Questions
    • ⤷How do I test a P-R33 sensor using a multimeter?
    • ⤷ What is the difference between a Reed Switch and a Hall Effect sensor?
    • ⤷ Can the P-R33 be used in high-voltage AC applications?