データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • P-RJE

  • AI
    The term **P-RJE** typically refers to a **Power-Reduced Jack Ethernet** or specialized RJ-series (Registered Jack) connectors used in networking and telecommunications. These components are designed to manage data transmission while handling power delivery or specific environmental constraints. --- ### 1. Key Electronic Components of P-RJE Connectors A P-RJE assembly is more than just a plastic housing; it contains several critical electronic parts integrated into the "Jack" (often referred to as an Integrated Connector Module or ICM). | Component | Description | Function | | :--- | :--- | :--- | | **Contact Pins** | Gold-plated phosphor bronze pins. | Ensures low-resistance electrical contact with the RJ45 plug. | | **Isolation Transformer** | Miniature magnetic coils (Magnetics). | Provides galvanic isolation and protects the circuit from high-voltage spikes. | | **Common Mode Chokes** | Ferrite cores with wire windings. | Suppresses Electromagnetic Interference (EMI) and noise. | | **LED Indicators** | Integrated Light Emitting Diodes. | Displays Link status (Green) and Activity/Speed (Yellow/Amber). | | **Termination Resistors** | 75-ohm resistors (Bob Smith Termination). | Reduces signal reflection and matches impedance on unused wire pairs. | | **High-Voltage Capacitor** | Typically 2kV ceramic capacitor. | Decouples the chassis ground from the signal ground for safety. | --- ### 2. Technical Specifications In electronic design, P-RJE units are selected based on the following electrical parameters: * **Data Rate:** Supported speeds (10/100 Mbps, 1Gbps, or 10Gbps). * **PoE Capability:** Whether the internal magnetics support Power over Ethernet (PoE, PoE+, or PoE++). * **Shielding:** Metal "cans" surrounding the plastic body to prevent Crosstalk and RFI (Radio Frequency Interference). * **Mounting Type:** Through-hole (THT) or Surface Mount (SMT) for PCB assembly. --- ### 3. Internal Schematic Overview When a P-RJE is used in a circuit, it follows a specific internal wiring diagram to ensure signal integrity: ```text [Ethernet PHY Chip] <--> [Capacitive Coupling] <--> [Magnetics/Transformer] <--> [RJ45 Port] | [EMI Filtering] ``` --- ### 4. Common Applications 1. **Networking Hardware:** Switches, routers, and hubs. 2. **Industrial Automation:** PLCs (Programmable Logic Controllers) that require ruggedized Ethernet connections. 3. **IoT Devices:** Power-sensitive devices using the "Power-Reduced" aspect to manage energy consumption during idle states.
    ✨ Follow-up Questions
    • ⤷ What is the difference between a standard RJ45 and a P-RJE connector with integrated magnetics?
    • ⤷ How do I choose the right P-RJE part for a Power over Ethernet (PoE) application?
    • ⤷ What are the common failure points in integrated Ethernet jacks?