データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • P-RJE1

  • AI
    The term **P-RJE1** typically refers to a specific series of **Integrated RJ45 Connector Modules (ICMs)**. These are electronic components that combine a standard RJ45 network jack with internal magnetics (transformers) required for Ethernet communication. --- ## 1. Core Component: The RJ45 MagJack The P-RJE1 is categorized as a "MagJack." Unlike a simple plastic jack, it contains passive electronic components inside the metal shielding to filter signals and protect the physical layer (PHY) chip. ### Key Specifications | Feature | Description | | :--- | :--- | | **Interface** | RJ45 (8P8C) | | **Magnetics** | Built-in isolation transformers and common mode chokes | | **Shielding** | Brass or Copper alloy with Nickel plating (EMI protection) | | **Mounting** | Through-hole (THT) or Surface Mount (SMT) | | **LEDs** | Often features integrated Green/Yellow status indicators | --- ## 2. Internal Electronic Parts The "hidden" electronics inside a P-RJE1 module perform three critical functions: ### A. Isolation Transformers * **Purpose:** Provides 1500V AC galvanic isolation between the Ethernet cable and the PCB. * **Function:** Protects sensitive circuitry from static electricity, surges, and ground loops. ### B. Common Mode Choke * **Purpose:** Noise suppression. * **Function:** Blocks electromagnetic interference (EMI) while allowing the differential data signals to pass through. ### C. Termination Resistors & Capacitors * **Purpose:** Impedance matching (usually 75 Ohms). * **Function:** Often referred to as "Bob Smith Termination," these parts reduce signal reflections and improve signal integrity over long cable runs. --- ## 3. Pinout and Physical Construction The P-RJE1 series usually follows a standard footprint to ensure compatibility with network switches, routers, and industrial computers. 1. **Contacts:** Gold-plated phosphor bronze pins for high conductivity and corrosion resistance. 2. **Housing:** High-temperature thermoplastic (UL94V-0 rated). 3. **LED Terminals:** Separate pins at the back of the jack to drive the integrated status lights. --- ## 4. Typical Applications * **Networking Gear:** Routers, hubs, and switches. * **Industrial PC:** Motherboards and embedded controllers. * **IoT Devices:** Smart gateways requiring wired internet stability. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between a standard RJ45 and a MagJack like the P-RJE1?
    • ⤷ How do I choose the correct LED voltage for these integrated connectors?
    • ⤷ Are P-RJE1 connectors compatible with Power over Ethernet (PoE)?