データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • P0420HDB

  • AI
    The **P0420HDB** is a high-performance **N-Channel Enhancement Mode Trench Power MOSFET**. It is primarily designed for high-efficiency power management applications where low on-resistance and high-speed switching are critical. --- ### ## Technical Specifications Below are the typical electrical characteristics for the P0420HDB MOSFET: | Parameter | Symbol | Typical Value | | :--- | :--- | :--- | | **Drain-Source Voltage** | $V_{DSS}$ | 40V | | **Continuous Drain Current** | $I_D$ | 20A - 25A | | **Static Drain-Source On-Resistance** | $R_{DS(ON)}$ | < 20 mΩ (at $V_{GS}$ = 10V) | | **Gate-Source Voltage** | $V_{GS}$ | ±20V | | **Total Gate Charge** | $Q_g$ | ~15 - 20 nC | | **Package Type** | Package | TO-252 (DPAK) or PDFN | --- ### ## Key Features 1. **Trench Technology:** Utilizes advanced trench gate designs to achieve extremely low $R_{DS(ON)}$, which reduces conduction losses. 2. **High-Speed Switching:** Optimized for high-frequency DC-DC converters and PWM controllers. 3. **Low Thermal Resistance:** The packaging (usually TO-252) provides excellent heat dissipation capabilities for high-current loads. 4. **Logic Level Drive:** Can often be triggered by logic-level gate voltages (4.5V to 10V), making it compatible with various microcontrollers and gate drivers. --- ### ## Common Applications The P0420HDB is versatile and used in several electronic power stages: * **DC-DC Converters:** Used in Buck or Boost converters for voltage regulation in computing and telecommunications. * **Power Management:** Battery protection circuits and load switching in portable electronics. * **Motor Control:** Brushless DC (BLDC) motor drivers for small appliances or drones. * **LED Lighting:** High-current switching for industrial LED arrays. --- ### ## Pin Configuration (Typical TO-252) ```text _______ | D | (Drain - Tab) __|_______|__ | 1 2 3 | | G D S | |_____________| 1. Gate (G): Controls the switching of the MOSFET. 2. Drain (D): Connected to the load (usually high-side). 3. Source (S): Connected to the ground or low-side. ```
    ✨ Follow-up Questions
    • ⤷ What are the equivalent MOSFET part numbers for the P0420HDB?
    • ⤷ How does the gate charge affect the switching speed of this MOSFET?
    • ⤷ Can this MOSFET be used directly with a 3.3V microcontroller?