データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • P1W-R

  • AI
    The **P1W-R** typically refers to a high-power, high-brightness **White LED emitter** (often associated with brands like Seoul Semiconductor or generic industrial high-power LED modules). These components are designed for high-intensity lighting applications. --- ## Technical Specifications The following table outlines the typical electronic characteristics of a P1W-R series LED component: | Feature | Specification (Typical) | | :--- | :--- | | **Color** | Pure White / Cool White | | **Forward Current ($I_f$)** | 350mA to 700mA | | **Forward Voltage ($V_f$)** | 3.2V to 3.8V | | **Power Consumption** | 1W to 3W (depending on current) | | **Luminous Flux** | 80 - 120 Lumens | | **Viewing Angle** | 120° to 140° | | **Operating Temp** | -40°C to +85°C | --- ## Key Electronic Components & Features ### 1. The Semiconductor Die The core of the P1W-R is a **Gallium Nitride (GaN)** based chip. It uses a blue LED die covered with a yellow phosphor coating to produce white light through a process called wavelength conversion. ### 2. Thermal Pad Unlike low-power LEDs, the P1W-R features a dedicated **neutral thermal path**. * **Purpose:** To conduct heat away from the junction to an external heat sink. * **Design:** The bottom of the part usually has three pads: Anode (+), Cathode (-), and a central Thermal Slug. ### 3. ESD Protection Many P1W-R variants include a built-in **Zener Diode** connected in parallel with the LED chip. This protects the delicate semiconductor from Electrostatic Discharge (ESD) up to several thousand volts. ### 4. Encapsulation The part is encased in a clear silicone or epoxy resin dome. This serves two functions: * **Optical:** Acts as a primary lens to direct light. * **Protection:** Shields the internal gold bonding wires from oxidation and mechanical stress. --- ## Usage Requirements ### Driving the Component The P1W-R is a **current-driven device**. To prevent thermal runaway and permanent damage, it must be used with a **Constant Current Driver** rather than a standard voltage source. ### Heat Management Because 70-80% of the energy consumed by a 1W LED is converted into heat rather than light, the P1W-R must be mounted on a **Metal Core PCB (MCPCB)**—often called a "Star PCB"—which is then attached to an aluminum heat sink. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between a constant current and a constant voltage driver for this LED?
    • ⤷ How do I calculate the heat sink size required for a 3W P1W-R setup?
    • ⤷ Can these LEDs be dimmed using Pulse Width Modulation (PWM)?