データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • P2-S100-R

  • AI
    The **P2-S100-R** is a specific electronic component, typically identified as a **high-precision, ultra-low resistance current sense resistor** or a **potentiometer/sensor element** depending on the specific manufacturer series (often associated with brands like Isabellenhütte or specialized industrial sensor firms). Below is a breakdown of its core electronic characteristics and technical specifications. --- ## 1. Technical Specifications This component is engineered for high stability and precision in power electronic circuits. | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | Current Sense Resistor / Shunt | | **Resistance Value** | 100 mΩ (0.1 Ω) | | **Tolerance** | ±0.1% to ±1.0% (High Precision) | | **Power Rating** | 1W to 5W (Depending on heatsinking) | | **Temperature Coefficient** | < 20 ppm/K (High stability over temperature) | | **Mounting Type** | Surface Mount (SMD) / Pad-based | --- ## 2. Key Electronic Features ### A. Low Inductance The internal construction uses a flat-planed resistive element. This ensures that the component has **minimal inductance**, which is critical for high-frequency switching applications where "ringing" or signal noise must be avoided. ### B. Thermal Management The "R" suffix often denotes a specific packaging or reel format designed for automated pick-and-place machines. The base material is usually a copper or manganese-based alloy that provides: * Excellent heat dissipation. * Low thermal EMF (Electromotive Force), preventing false voltage readings caused by temperature gradients. ### C. Kelvin Configuration (4-Terminal) In many P2 series iterations, the part is designed for **4-terminal (Kelvin) sensing**. This separates the current path from the voltage sensing path, eliminating the resistance of the leads from the measurement. --- ## 3. Common Applications The P2-S100-R is primarily found in circuits requiring precise current monitoring: 1. **Battery Management Systems (BMS):** Monitoring charge and discharge cycles in Lithium-ion packs. 2. **Power Inverters:** Used in DC-AC conversion for motor control. 3. **Precision Power Supplies:** Feedback loops for constant current regulation. 4. **Automotive Electronics:** Sensing current in hybrid or electric vehicle sub-systems. --- ## 4. Equivalent Circuit Representation When designing a PCB for this part, the electronic model is represented as follows: ```spice * Simple SPICE model for P2-S100-R Current Shunt .SUBCKT SHUNT_P2 1 2 3 4 R_SHUNT 1 2 0.100 ; Main 100mOhm resistance L_SERIES 1 2 2n ; Parasitic inductance (approx 2nH) R_SENSE1 1 3 0.001 ; Kelvin connection point A R_SENSE2 2 4 0.001 ; Kelvin connection point B .ENDS ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating temperature for the P2-S100-R before derating occurs?
    • ⤷ How does the Kelvin 4-terminal connection improve measurement accuracy in this part?
    • ⤷ Are there specific PCB layout recommendations for soldering the P2-S100-R to ensure low thermal resistance?