データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • P25B13D-R1B

  • AI
    The **P25B13D-R1B** is a high-performance **N-Channel enhancement mode MOSFET** (Metal-Oxide-Semiconductor Field-Effect Transistor) commonly used in power management and switching applications. --- ### 1. General Specifications This component is designed to handle high current while maintaining low thermal resistance and low "on-resistance" ($R_{DS(on)}$). | Parameter | Typical Value | Description | | :--- | :--- | :--- | | **Drain-Source Voltage ($V_{DSS}$)** | 30V | Maximum voltage the device can withstand. | | **Continuous Drain Current ($I_D$)** | ~50A - 80A* | Max current flow at standard temperature ($25^\circ C$). | | **Static $R_{DS(on)}$** | < 10 mΩ | Resistance between drain and source when "ON". | | **Package Type** | TO-252 (D-PAK) | Surface mount power package. | | **Gate-Source Voltage ($V_{GS}$)** | ±20V | Maximum allowable gate drive voltage. | *\*Note: Current ratings can vary slightly based on specific manufacturer thermal dissipation tests.* --- ### 2. Key Electronic Features * **Low Gate Charge ($Q_g$):** This allows for faster switching speeds and reduces power loss during transitions. * **Trench Technology:** It utilizes high-density cell design (Trench MOSFET) to minimize the $R_{DS(on)}$ per unit area, making it highly efficient. * **Thermal Performance:** The TO-252 package provides a large tab for soldering to a PCB copper plane, acting as a heatsink to dissipate heat generated during high-current operation. * **Logic Level Compatibility:** Often designed to be fully turned on with logic-level gate voltages (e.g., 4.5V or 10V). --- ### 3. Functional Pinout The device typically follows the standard TO-252 pin configuration: 1. **Gate (G):** Used to trigger the transistor (Voltage applied here controls the current). 2. **Drain (D):** Connected to the load (Usually the center lead and the large back tab). 3. **Source (S):** Connected to the ground or negative side of the circuit. --- ### 4. Common Applications Due to its high current handling and efficiency, the P25B13D-R1B is found in: * **DC-DC Converters:** For step-down (Buck) or step-up (Boost) voltage regulation. * **Motor Drivers:** Controlling DC motors in robotics or consumer electronics. * **Battery Protection:** Switching circuits in Lithium-ion battery management systems (BMS). * **Load Switching:** Turning peripheral power on/off in laptops or industrial controllers. ---
    ✨ Follow-up Questions
    • ⤷What is the maximum power dissipation (Pd) for the P25B13D-R1B?
    • ⤷ Can this MOSFET be used with a 3.3V microcontroller gate signal?
    • ⤷ What are the recommended heat sinking strategies for TO-252 packages?