データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • P4C1048L-70CWC

  • AI
    ## Electronic Overview: P4C1048L-70CWC The **P4C1048L-70CWC** is a high-performance CMOS Static Random Access Memory (SRAM). It was originally manufactured by **Pyramid Semiconductor** (often associated with Performance Semiconductor) and is primarily used in legacy industrial, military, and high-reliability computing systems. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Memory Density** | 512 Kbit | | **Organization** | 512K x 8 bits | | **Access Time (Speed)** | 70 nanoseconds (ns) | | **Supply Voltage ($V_{CC}$)** | 5.0V ± 10% | | **Technology** | CMOS (Low Power) | | **Package Type** | Ceramic Windowed LCC (Leadless Chip Carrier) | | **Operating Temperature** | Commercial (0°C to +70°C) | --- ### 2. Part Number Breakdown To understand the specific capabilities of this part, we can decode the suffix: * **P4C1048**: The base model number representing a 512K x 8 SRAM. * **L**: Denotes the **Low Power** version. This version is optimized for reduced standby current. * **70**: Indicates the speed grade. The maximum address access time is **70ns**. * **CW**: Refers to the **Ceramic Windowed** package. In many vintage semiconductors, windowed packages were used for UV-erasable parts (EPROMs), but in SRAMs, these ceramic packages are often used for high-reliability or military-grade hermetic sealing. * **C**: Commercial temperature range. --- ### 3. Functional Pin Description The device typically follows a standard SRAM pinout to ensure compatibility with various microprocessors. 1. **Address Inputs (A0 - A18):** Used to select one of the 524,288 bytes in the memory array. 2. **Data Inputs/Outputs (I/O0 - I/O7):** Bi-directional ports for reading and writing 8-bit data. 3. **Chip Enable ($\overline{CE}$):** When HIGH, the device enters a low-power standby mode. When LOW, the device is active. 4. **Write Enable ($\overline{WE}$):** Controls the write function. 5. **Output Enable ($\overline{OE}$):** Controls the output buffers during a Read cycle to prevent bus contention. --- ### 4. Distinctive Features * **Low Standby Power:** Because it is the "L" variant, it consumes significantly less power when the Chip Enable is inactive, making it suitable for battery-backed applications. * **Asynchronous Operation:** It does not require a clock signal. Data access is triggered by changes in the address lines or control signals. * **TTL Compatibility:** The inputs and outputs are fully compatible with standard TTL (Transistor-Transistor Logic) levels. * **High Reliability:** The ceramic packaging provides better thermal management and protection against environmental factors compared to standard plastic (PDIP/SOIC) packaging. ---
    ✨ Follow-up Questions
    • ⤷ What are the typical applications for a 512K x 8 CMOS SRAM?
    • ⤷ How does the 'L' low-power version differ in power consumption compared to the standard version?
    • ⤷ What is the modern equivalent or replacement for this obsolete memory chip?