データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • P4C147-25LSMB

  • AI
    The **P4C147-25LSMB** is a high-performance CMOS Static RAM (SRAM) manufactured by Pyramid Semiconductor. It is designed for high-speed, low-power applications, often found in military or aerospace systems due to its packaging and temperature grading. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Memory Type** | Static RAM (SRAM) | | **Organization** | 4K x 1 (4,096 bits organized as 1-bit words) | | **Access Time** | 25 nanoseconds (ns) | | **Technology** | CMOS (Low Power) | | **Package Type** | LCC (Leadless Chip Carrier) | | **Grade** | Military/High Reliability (SMB) | --- ### 2. Part Number Breakdown Understanding the suffix and prefix codes reveals the specific capabilities of this component: * **P4C147:** The base part number identifying it as a 4K x 1 Static RAM. * **-25:** Indicates the speed grade. In this case, it has a maximum address access time of **25ns**. * **L:** Represents the **Low Power** version. These chips consume significantly less power during standby mode. * **S:** Refers to the package type, specifically a **Rectangular Leadless Chip Carrier (LCC)**. * **MB:** Indicates **Military Grade** processing. This typically means the part has undergone MIL-STD-883 screening and is rated for a wide temperature range (-55°C to +125°C). --- ### 3. Functional Features * **Static Operation:** Unlike DRAM, this memory does not require a clock or refresh cycles to retain data, simplifying the controller interface. * **Inputs/Outputs:** It features fully TTL-compatible inputs and outputs. * **Three-State Outputs:** The output pins enter a high-impedance state when the chip is deselected, allowing multiple chips to share a single data bus. * **Data Retention:** Because it is CMOS, it maintains low power consumption while holding data, making it ideal for battery-backed systems. --- ### 4. Common Applications Due to its 4K x 1 architecture and military certification, this part is commonly used in: 1. **Cache Memory:** High-speed buffer memory for processors. 2. **Signal Processing:** Real-time data handling in radar or sonar equipment. 3. **Aerospace Systems:** Flight controllers or telemetry systems requiring high reliability in extreme temperatures. 4. **Legacy Systems:** Maintenance of older military hardware that relies on specific 4K bit configurations.
    ✨ Follow-up Questions
    • ⤷ What are the pinout differences between the LCC and DIP versions of this SRAM?
    • ⤷ Can you provide a list of modern equivalent replacements for the P4C147?
    • ⤷ How does the 'L' (Low Power) version's standby current compare to the standard version?