データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • P9027LP-R

  • AI
    The **P9027LP-R** is a highly integrated, single-chip wireless power receiver developed by Renesas (formerly IDT). It is specifically designed for mobile applications, adhering to the WPC (Wireless Power Consortium) Qi standards. --- ### ## Technical Overview The P9027LP-R is a **Qi-compliant 5W wireless power receiver**. It functions by converting an AC power signal from a resonant tank (the coil) into a regulated DC output to charge a battery or power a mobile device. ### ### Key Specifications | Parameter | Description | | :--- | :--- | | **Standard** | WPC Qi 1.1.2 / 1.2.4 Compatible | | **Output Power** | Up to 5W | | **Output Voltage** | Programmable (typically 5V) | | **Efficiency** | > 80% (System level) | | **Communication** | In-band (ASK) for power control | | **Package** | WLCSP (Wafer Level Chip Scale Package) | --- ### ## Core Electronic Components (Internal) The P9027LP-R integrates several critical functional blocks that would normally require discrete components: 1. **Full-Bridge Synchronous Rectifier:** * Converts the high-frequency AC current induced in the receiver coil into a DC voltage. * Uses low-resistance MOSFETs to minimize heat and maximize efficiency. 2. **LDO Regulator:** * The internal Low Dropout (LDO) regulator ensures the output voltage stays stable regardless of the distance or alignment between the transmitter and receiver coils. 3. **Control Logic & Microcontroller:** * The "brains" of the chip. It manages the startup sequence, monitors power requirements, and handles error conditions. 4. **Communication Modulator:** * Uses **Amplitude Shift Keying (ASK)** to send packets back to the transmitter (TX) to request more or less power or to terminate charging. --- ### ## External Peripheral Components While the P9027LP-R is a "single-chip" solution, it requires a few external electronic parts to function: * **RX Coil:** A thin copper induction coil that captures the magnetic field. * **Resonant Capacitors ($C_1$, $C_2$):** High-quality ceramic capacitors used to tune the receiver circuit to the specific Qi frequency (typically 110-205 kHz). * **Decoupling Capacitors:** Small capacitors placed near the $V_{OUT}$ pins to filter electrical noise. * **NTC Thermistor:** Often connected to monitor the battery or coil temperature for safety (thermal shutdown). --- ### ## Benefits in Electronic Design * **Space Saving:** Because it integrates the rectifier and LDO, it significantly reduces the PCB footprint. * **Foreign Object Detection (FOD):** It includes sophisticated circuitry to detect metal objects (like coins or keys) between the charger and the device to prevent overheating. * **Low Standby Power:** Optimized for mobile devices where battery life is critical.
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the P9027LP and the P9221-R?
    • ⤷ Can you provide a typical application circuit diagram for this IC?
    • ⤷ How does the Foreign Object Detection (FOD) mechanism work in this specific chip?