データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • P9221-R3

  • AI
    ## Overview of the P9221-R3 The **P9221-R3** is a highly integrated, magnetic induction-based wireless power receiver (Rx) developed by Renesas Electronics (formerly IDT). It is designed to comply with the Qi wireless charging standards and is commonly used in portable devices, smartphones, and medical equipment. --- ### Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Max Output Power** | Up to 15W | | **Qi Compliance** | Version 1.2.2 (Extended Power Profile - EPP) | | **Input Frequency** | 87kHz to 205kHz | | **Interface** | I2C (up to 400kHz) | | **Efficiency** | Up to 87% | | **Package** | WLCSP-52 (2.64mm x 3.94mm) | --- ### Functional Blocks & Electronic Components The P9221-R3 integrates several complex electronic sub-systems into a single silicon chip to manage energy conversion and data communication: #### 1. Synchronous Full-Bridge Rectifier The core of the power stage. It converts the AC voltage induced in the receiver coil into a DC voltage. - **Low Rds(on) FETs:** Used to minimize power loss and heat generation during rectification. #### 2. LDO (Low Dropout Regulator) The device features an integrated programmable LDO that regulates the rectified DC voltage to a stable output voltage (Vout) for the battery charger or system load. #### 3. 32-bit ARM® Cortex®-M0 Processor The "brain" of the chip. It manages: - **Protocol Handling:** Managing the Qi communication packets (Ping, Identification, Configuration). - **Control Loops:** Adjusting power delivery based on thermal and load conditions. - **Foreign Object Detection (FOD):** Sophisticated algorithms to detect metal objects between the coil and transmitter to prevent overheating. #### 4. Communication & Feedback Wireless power works by "modulating" the load. The P9221-R3 uses **Backscatter Modulation**: - It toggles internal capacitors to create amplitude or phase shifts that the Transmitter (Tx) can sense, allowing the Rx to send "End of Power" or "Signal Strength" data. --- ### External Components Required To build a complete circuit with the P9221-R3, the following external parts are essential: 1. **Rx Coil:** An induction coil (typically copper litz wire) that captures the magnetic field. 2. **Resonant Capacitors:** High-voltage, C0G/NP0 ceramic capacitors used to tune the LC tank circuit to the specific Qi frequency. 3. **Bootstrap/Filter Capacitors:** Decoupling capacitors (MLCC) to stabilize the internal rails and output. 4. **Thermistor (NTC):** Connected to the chip to monitor battery or coil temperature for safety. --- ### Typical Application Circuit Example ```mermaid graph LR A[Rx Coil] --> B[Resonant Caps] B --> C[P9221-R3 IC] C --> D[System Load/Battery] E[I2C Host MCU] <--> C ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the specific requirements for selecting the Rx coil for P9221-R3?
    • ⤷ How does the P9221-R3 handle Foreign Object Detection (FOD)?
    • ⤷ Can the P9221-R3 be programmed for custom output voltages?