データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • P9242-R

  • AI
    ### Overview of the P9242-R The **P9242-R** is a highly integrated, magnetic induction, wireless power transmitter (TX) IC developed by Renesas (formerly IDT). It is specifically designed for applications requiring up to **15W** of power delivery, compliant with the **WPC (Wireless Power Consortium) Qi Specification**. --- ### Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Standard Compliance** | WPC Qi 1.2.4 (Extended Power Profile - EPP) | | **Input Voltage Range** | 4.25V to 21V | | **Output Power** | Up to 15W | | **Microcontroller** | Integrated 32-bit ARM® Cortex®-M0 | | **Communication** | I2C Interface | | **Efficiency** | > 80% (System Level) | | **Package** | 48-VFQFPN (6mm x 6mm) | --- ### Internal Electronic Components & Subsystems The P9242-R is a "System-on-Chip" (SoC) that integrates several critical electronic functions: #### 1. Power Stage (Full-Bridge Driver) The IC includes gate drivers for a full-bridge inverter. It typically drives four external N-channel MOSFETs to generate the alternating magnetic field required for inductive charging. #### 2. Embedded Microcontroller (ARM® Cortex®-M0) * **Programmability:** Allows for custom firmware, LED patterns, and specific timing adjustments. * **Memory:** Includes 32KB of Flash and 4KB of SRAM. * **Control Loops:** Manages the Frequency, Duty Cycle, and Phase Shift to regulate power. #### 3. Protection Circuits * **FOD (Foreign Object Detection):** Uses sophisticated algorithms to detect metal objects between the transmitter and receiver to prevent overheating. * **OCP/OVP/OTP:** Integrated Over-Current, Over-Voltage, and Over-Temperature protection. #### 4. Demodulation & Communication The IC contains an integrated hardware demodulator to decode the back-scattered signal from the receiver (RX). This allows the TX to receive data packets regarding power requirements and identification. --- ### Typical Application Circuit Requirements To build a functional wireless charger using the P9242-R, the following external electronic parts are required: 1. **External MOSFETs:** Four N-channel FETs for the H-bridge. 2. **Resonant Capacitors:** High-quality C0G/NP0 ceramic capacitors (crucial for maintaining the LC resonance frequency). 3. **Inductor (TX Coil):** Typically a Qi-standard A11 or similar coil. 4. **Current Sense Resistor:** A low-resistance shunt used for power monitoring and FOD. 5. **Passive Components:** Various resistors and capacitors for decoupling and filtering. --- ### Functional Block Diagram Representation ```mermaid graph LR Input[DC Input 5V-21V] --> Buck[Buck Converter] Buck --> Bridge[Full-Bridge MOSFETs] Bridge --> Resonant[Resonant Tank & Coil] Resonant -.-> Feedback[Current/Voltage Sense] Feedback --> MCU[ARM Cortex-M0] MCU --> Bridge ```
    ✨ Follow-up Questions
    • ⤷ What are the specific requirements for the resonant capacitors used with the P9242-R?
    • ⤷ How does the P9242-R implement Foreign Object Detection (FOD)?
    • ⤷ Can the P9242-R be used for proprietary fast-charging protocols outside of standard Qi?