データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • P9242-R3

  • AI
    The **P9242-R3** is a highly integrated, magnetic induction, wireless power transmitter IC designed by Renesas (formerly IDT). It is primarily used in wireless charging pads and docking stations. ### 1. Key Technical Specifications The P9242-R3 is compliant with the WPC (Wireless Power Consortium) Qi specification. | Feature | Specification | | :--- | :--- | | **Input Voltage Range** | 4.25V to 21V | | **Output Power** | Up to 15W | | **Processor** | Integrated 32-bit ARM® Cortex®-M0 | | **Communication** | I2C Interface | | **Package** | 48-VFQFPN (6 x 6 mm) | | **Qi Version** | WPC v1.2.4 Highly Integrated | --- ### 2. Major Internal Electronic Subsystems The device integrates several discrete components into a single silicon chip to save space and improve efficiency: * **Full-Bridge Inverter:** It contains low-resistance (Rds-on) MOSFETs that drive the external resonant coil to create the electromagnetic field. * **Voltage and Current Sensing:** Integrated circuitry monitors the input and coil parameters to implement Foreign Object Detection (FOD). * **Demodulator:** It decodes the communication packets sent by the receiver (smartphone) via back-scatter modulation. * **Internal Regulators:** Includes LDOs (Low Dropout Regulators) to power the internal logic and the ARM core from the main input supply. --- ### 3. Functional Blocks Diagram Concept Below is a simplified representation of how the electronic parts interact: ```mermaid graph LR Input[Vin 5V-21V] --> Reg[Internal LDOs] Input --> Bridge[Full-Bridge MOSFETs] MCU[ARM Cortex M0] --> Bridge Bridge --> Coil[External Resonant Coil] Coil -.-> Feedback[Current/Voltage Sensing] Feedback --> MCU MCU --> I2C[External Controller/Host] ``` --- ### 4. Critical External Components While the P9242-R3 is highly integrated, it requires specific external electronic parts to function: 1. **Resonant Capacitors:** High-quality C0G/NP0 ceramic capacitors are required to form the LC tank with the transmitter coil. 2. **Transmitter Coil:** Usually a standard A11 or similar Qi-defined inductor coil. 3. **Decoupling Capacitors:** Small MLCCs placed close to the VDD and VIN pins to filter high-frequency noise. 4. **Resistor Dividers:** Used for setting specific parameters like FOD thresholds and LED indicators. --- ### 5. Protection Features The electronic design includes several safety mechanisms: * **Over-Voltage Protection (OVP)** * **Over-Current Protection (OCP)** * **Over-Temperature Protection (OTP)** * **Foreign Object Detection (FOD):** Prevents heating of metal objects (like keys or coins) placed on the charger.
    ✨ Follow-up Questions
    • ⤷ What are the main differences between P9242-R3 and its predecessor P9242-R?
    • ⤷ How is Foreign Object Detection (FOD) calibrated in this chip?
    • ⤷ Can the P9242-R3 be used for automotive wireless charging applications?