データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • PA-41M2W-R

  • AI
    The **PA-41M2W-R** is a high-performance, compact AC/DC power supply module manufactured by **Power-One** (now part of **Bel Fuse/Bel Power Solutions**). It is primarily designed for industrial and telecommunications applications where reliability and small footprints are critical. --- ### 1. Key Technical Specifications The following table summarizes the primary electrical characteristics of the PA-41M2W-R: | Feature | Specification | | :--- | :--- | | **Input Voltage Range** | 85 - 264 VAC (Universal Input) or 120 - 370 VDC | | **Output Voltage** | 12 VDC | | **Output Current** | 3.5 Amps | | **Total Power Rating** | 42 Watts | | **Efficiency** | ~80% - 85% (Typical) | | **Isolation Voltage** | 3000 VAC (Input to Output) | | **Mounting Type** | PCB Mount (Through-hole) | --- ### 2. Core Electronic Components & Architecture The module functions as a **Switched-Mode Power Supply (SMPS)**. Internally, it consists of several critical electronic stages: #### A. Input Filtering & Protection * **EMI Filter:** High-quality inductors (chokes) and X/Y capacitors to suppress electromagnetic interference. * **Fuse:** Internal protection against over-current conditions. * **Bridge Rectifier:** Converts incoming AC voltage to high-voltage DC. #### B. Power Conversion (The Heart) * **PWM Controller IC:** Manages the switching frequency to maintain a stable 12V output regardless of load changes. * **Switching MOSFET:** High-speed transistor that "chops" the DC voltage into high-frequency pulses. * **High-Frequency Transformer:** Provides galvanic isolation between the dangerous AC input and the safe DC output. #### C. Output Regulation * **Schottky Rectifiers:** Used on the secondary side for high-speed rectification with low forward voltage drop. * **Filter Capacitors:** High-quality electrolytic capacitors to smooth the output ripple. * **Optocoupler:** Provides a feedback loop from the output back to the controller IC while maintaining electrical isolation. --- ### 3. Key Features & Protections The PA-41M2W-R is engineered with several safety "layers" built into its circuitry: 1. **Over-Voltage Protection (OVP):** Clamps the output if it exceeds a certain threshold to prevent damaging the connected load. 2. **Short-Circuit Protection:** The unit will shut down or enter "hiccup mode" if a short is detected, resetting once the fault is removed. 3. **Thermal Management:** The components are potted or arranged to allow for passive cooling, though derating may occur at high temperatures. 4. **Compact Form Factor:** The "M2" designation often refers to specific mechanical dimensions optimized for high-density PCB layouts. --- ### 4. Common Applications * **Industrial Automation:** Powering PLCs, sensors, and small actuators. * **Telecommunications:** Used in networking hardware and base stations. * **Test & Measurement:** Providing stable DC rails for sensitive laboratory equipment.
    ✨ Follow-up Questions
    • ⤷ What is the operating temperature range for the PA-41M2W-R?
    • ⤷ Are there alternative output voltage versions of this specific series?
    • ⤷ Does this model require external heatsinking for 42W operation?