データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • PACDN017Q

  • AI
    The **PACDN017Q** is a high-performance **TVS (Transient Voltage Suppressor) Diode Array** designed for ESD (Electrostatic Discharge) protection. It is primarily used to protect sensitive electronic components that interface with the outside world, such as I/O ports. --- ## 1. Core Specifications The PACDN017Q is part of the "ESD9" family, typically manufactured by companies like ON Semiconductor. | Feature | Specification | | :--- | :--- | | **Channels** | 6 Protected Channels | | **Package Type** | QSOP-16 (Quarter Size Outline Package) | | **ESD Protection** | Up to ±8kV (Contact), ±15kV (Air) | | **Clamping Voltage** | Low clamping voltage to protect CMOS logic | | **Capacitance** | Low input capacitance (approx. 3-5pF) | | **Operating Voltage** | Typically 5.0V | --- ## 2. Functional Diagram & Pinout The device utilizes a "Rail-to-Rail" architecture. This means each I/O pin is connected to two diodes: one leading to the **Positive Rail (Vp)** and one leading to the **Negative Rail (Vn/Ground)**. ### Internal Logic: - **Steering Diodes:** When a voltage spike occurs, the diodes "steer" the excess current away from the protected IC and toward the power supply rails. - **Zener Diode:** A large internal Zener diode is often integrated between the Vp and Vn rails to clamp the supply voltage during a surge. --- ## 3. Key Electronic Characteristics ### Low Capacitance Because the device has low parasitic capacitance, it does not distort high-speed signals. This makes it suitable for: * USB 1.1 / 2.0 Data Lines * VGA Port Protection * Parallel and Serial Ports ### ESD Standards Compliance The part is designed to meet the **IEC 61000-4-2** Level 4 standard, which is the industry benchmark for system-level ESD robustness. ### Integration By integrating 6 channels into a single QSOP-16 package, it replaces up to 12 discrete diodes and one Zener diode, significantly reducing PCB (Printed Circuit Board) footprint and assembly costs. --- ## 4. Typical Application Circuit When implementing the PACDN017Q, the connections are generally as follows: ```text External Connector (Input) ----> [PACDN017Q Channel] ----> Sensitive IC (Output) | [Vp (Vcc) / Vn (Gnd)] ``` * **Vp Pin:** Connected to the system power supply (e.g., +5V). * **Vn Pin:** Connected to the system ground. * **CH1-CH6:** Connected to the data lines being protected.
    ✨ Follow-up Questions
    • ⤷ What are the main differences between PACDN017Q and a standard Zener diode?
    • ⤷ Can the PACDN017Q be used for high-speed HDMI or USB 3.0 protection?
    • ⤷ How does the 'Rail-to-Rail' configuration improve signal integrity?