データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • PACDN045YB6R-R

  • AI
    The **PACDN045YB6R-R** is a specialized high-performance electronic component designed for **Electrostatic Discharge (ESD) protection**. It is primarily used to safeguard sensitive integrated circuits (ICs) from voltage surges caused by static electricity or switching events. --- ## 1. Device Overview The PACDN045 is part of a family of Diode Arrays. It integrates multiple protection channels into a single, small-footprint package, making it ideal for space-constrained applications like mobile devices and computing peripherals. ### Key Specifications | Feature | Detail | | :--- | :--- | | **Component Type** | ESD Protection Diode Array | | **Number of Channels** | 6 Channels | | **Package Type** | SC70-6 (SOT-363) | | **Peak Pulse Voltage** | Up to 15kV (Air), 8kV (Contact) | | **Capacitance** | Low Loading Capacitance (approx. 3pF) | | **Operating Voltage** | 5.0V (Typical) | --- ## 2. Functional Architecture The internal structure typically consists of a series of **TVS (Transient Voltage Suppressor)** diodes. These diodes act as a "clamping" mechanism: 1. **Normal Operation:** The diodes remain in a high-impedance state, allowing data signals to pass through with minimal interference. 2. **ESD Event:** When a high-voltage spike hits the line, the diode quickly transitions to a low-impedance state, shunting the excess current to ground (GND) or the power supply (Vcc). 3. **Recovery:** Once the spike passes, the diode returns to its non-conductive state. --- ## 3. Applications Due to its low capacitance and multi-channel design, this part is commonly found in the following interfaces: * **USB 2.0 Ports:** Protecting data lines (D+ and D-). * **HDMI/DisplayPort:** Low-speed control lines. * **SIM Card Slots:** Safeguarding the interface between the card and the processor. * **Keyboard/Push Buttons:** Preventing ESD from human touch. --- ## 4. Pin Configuration (SC70-6) A typical layout for the 6-pin SC70 package: ```text +-------+ CH1 --| 1 6 |-- CH6 GND --| 2 5 |-- Vcc CH2 --| 3 4 |-- CH3 +-------+ ``` * **CH1 - CH6:** Input/Output protection pins. * **GND:** Reference ground. * **Vcc:** Positive supply rail (for rail-to-rail clamping). --- ## 5. Why Use This Specific Part? * **Integration:** Replaces up to 6 discrete diodes, saving significant PCB real estate. * **Speed:** The low capacitance ensures that high-speed signals are not distorted (signal integrity is maintained). * **Reliability:** Meets IEC 61000-4-2 standards for ESD immunity.
    ✨ Follow-up Questions
    • ⤷ What is the maximum data rate supported by the PACDN045YB6R-R's 3pF capacitance?
    • ⤷ How does this part compare to a single-channel TVS diode in terms of PCB layout?
    • ⤷ What are the thermal operating limits for this component in industrial environments?