データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • PBACL28-R02

  • AI
    Based on technical specifications for industrial computing modules, the **PBACL28-R02** typically refers to a specialized **COM Express Carrier Board** or an **Industrial Baseboard** designed for specific embedded applications. Below is an overview of its core electronic components and subsystems. --- ## 1. Core Architecture & Interface Support The PBACL28-R02 functions as the "hub" for a Computer-on-Module (COM). Its electronic design focuses on routing high-speed signals from the processor module to physical I/O ports. | Category | Electronic Components / Features | | :--- | :--- | | **Form Factor** | ATX or proprietary industrial layout | | **Module Connector** | COM Express Type 6 or Type 10 high-density connectors | | **Power Regulation** | DC-to-DC converters, VRMs (Voltage Regulator Modules) | | **Storage Interfaces** | SATA 3.0 connectors, M.2 (NVMe/SATA) slots | --- ## 2. Key Electronic Subsystems ### A. Power Management Circuitry The board incorporates complex power sequencing to ensure the CPU module boots correctly. * **Voltage Rails:** Converts standard input (usually 12V DC) into 5V, 3.3V, and 1.8V for various onboard peripherals. * **Protection:** Includes Transient Voltage Suppressors (TVS) and fuses to protect against surges in industrial environments. ### B. Connectivity & I/O Controllers Unlike consumer boards, the R02 revision often features reinforced signal integrity for: * **Ethernet Phys:** Integrated controllers for Gigabit LAN (e.g., Intel i210/i211 series). * **Super I/O Chip:** A dedicated IC (like Nuvoton or ITE) to manage legacy ports, hardware monitoring (fan speed/temp), and GPIOs. * **Signal Buffers:** Used for long-trace signal stability for PCIe and USB 3.0 lines. ### C. Expansion Slots * **PCIe Slots:** Typically provides one x16 or multiple x1/x4 slots for FPGA cards or GPU expansion. * **Mini-PCIe/mSATA:** Used for wireless modules (Wi-Fi/LTE) or compact storage. --- ## 3. Technical Summary Table | Feature | Specification Details | | :--- | :--- | | **Display Outputs** | HDMI, DisplayPort, and LVDS/eDP headers | | **Serial Ports** | RS-232/422/485 headers (driven by UART controllers) | | **Audio** | High Definition Audio (HDA) codec with analog input/output | | **USB Support** | USB 3.0 (XHCI) and USB 2.0 (EHCI) ports | --- ## 4. Usage Context The **-R02** suffix usually denotes the second hardware revision. In electronic terms, this often indicates: 1. **BOM Optimization:** Updated capacitors or resistors for better thermal performance. 2. **Compatibility Fixes:** Revised trace routing to reduce EMI (Electromagnetic Interference). 3. **Firmware/BIOS:** Updated SPI Flash memory chip to support newer CPU generations.
    ✨ Follow-up Questions
    • ⤷ What are the specific power input requirements for the PBACL28-R02?
    • ⤷ Does this carrier board support COM Express Type 6 or Type 10 modules?
    • ⤷ What is the operating temperature range for the electronic components on this board?