データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • PBDR10

  • AI
    The **PBDR10** is a specialized electronic component, most commonly categorized as a **Bi-Directional Photofet (Photo-MOSFET) Relay** or a specific high-voltage optical isolator. It is frequently utilized in industrial automation and battery management systems (BMS). --- ### 1. Technical Specifications The "10" in PBDR10 typically denotes its voltage or current rating depending on the manufacturer (often 1000V capability). | Feature | Description | | :--- | :--- | | **Component Type** | Solid State Relay (SSR) / Opto-MOSFET | | **Output Configuration** | Bi-directional (AC or DC load) | | **Isolation Voltage** | 3,750V to 5,000V RMS | | **Load Voltage (max)** | Up to 1000V DC/Peak AC | | **Load Current (max)** | ~50mA to 150mA (typical for signal/sensing) | | **Package Style** | DIP-6 or SOP-6 | --- ### 2. Internal Electronic Construction The device consists of three main internal stages: 1. **Input (Emitter):** An Infrared LED that converts electrical input current into light. 2. **Isolation Barrier:** A transparent silicone or dielectric layer that prevents high-voltage sparks from jumping from the output back to the input controller. 3. **Output (Detector/Switch):** A solar cell array that generates a voltage when hit by the LED light, which then triggers a pair of source-to-source **MOSFETs**. --- ### 3. Key Electronic Characteristics * **Low On-Resistance:** Unlike mechanical relays, it has a stable resistance without contact bounce. * **High Input-to-Output Isolation:** Ensures that the low-voltage control circuit (like an Arduino or PLC) is safe from the high-voltage load. * **Linearity:** Because it uses MOSFETs, it can switch both AC and DC signals with very low distortion, making it suitable for analog signal switching. * **Infinite Life:** No moving parts mean it does not suffer from mechanical wear or arcing. --- ### 4. Common Application Areas * **BMS (Battery Management Systems):** Used for insulation monitoring and high-voltage sensing. * **Telecommunications:** Hook-switch circuits and dial pulsing. * **Medical Equipment:** High-isolation patient monitoring sensors. * **Automatic Test Equipment (ATE):** Switching test signals between various pins. --- ### 5. Basic Circuit Example ```cpp // Schematic Logic: // [MCU Pin] --> [Resistor] --> [PBDR10 Pin 1 (Anode)] // [GND] --> [PBDR10 Pin 2 (Cathode)] // [Load +] --> [PBDR10 Pin 4] // [Load -] --> [PBDR10 Pin 6] ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum switching frequency of a PBDR10 compared to a mechanical relay?
    • ⤷ How do you calculate the current-limiting resistor for the input LED?
    • ⤷ Can the PBDR10 be used for high-power motor control or is it limited to signaling?