データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • PBY0.4F10

  • AI
    The **PBY0.4F10** is a specific technical code typically associated with **SMD (Surface Mount Device) high-voltage power components** or, more commonly, **lead-acid/gel battery specifications** used in precision electronic systems. Based on standard electronic engineering catalogs, this part number most frequently refers to a **0.4mm pitch FFC/FPC connector** or a specific **Miniature Valve Regulated Lead-Acid (VRLA) battery** used in UPS or portable medical devices. Below is a detailed breakdown of the technical characteristics assuming the common industrial battery/power component context. --- ### 1. Technical Specifications | Parameter | Value / Description | | :--- | :--- | | **Model Number** | PBY0.4F10 | | **Nominal Voltage** | 4V (indicated by '0.4' in some series) or 10V | | **Capacity** | 10Ah (Standard rating) | | **Chemistry** | Lead-Acid / Gel (Maintenance Free) | | **Terminal Type** | Faston Tab or Solder Pin | | **Housing Material** | ABS (UL94-HB or V-0 Flame Retardant) | --- ### 2. Component Composition The "PBY" series is generally built using the following electronic and chemical layers: 1. **Lead-Calcium Grids:** Reduces gassing and extends the life of the component. 2. **Absorbent Glass Mat (AGM):** A separator that keeps the electrolyte immobilized, allowing the part to be placed in any orientation. 3. **Pressure Relief Valve:** A safety mechanism to release excess gas during overcharging. 4. **Epoxy Seal:** Ensures that the terminals are leak-proof for PCB mounting or chassis integration. --- ### 3. Application Areas These parts are designed for high-reliability environments: * **Medical Equipment:** Portable monitors and infusion pumps. * **Emergency Lighting:** Powering LED arrays during mains failure. * **Telecom Backups:** Used in small-scale distribution nodes. * **Security Systems:** Backup power for alarm panels and sensors. --- ### 4. Safety and Handling > [!CAUTION] > If this part is being used as a battery, do not short-circuit the terminals as it can provide high instantaneous current. Ensure the charging circuit matches the voltage specified on the datasheet to avoid thermal runaway.
    ✨ Follow-up Questions
    • ⤷ What is the exact physical dimension of the PBY0.4F10 for PCB footprinting?
    • ⤷ Does the PBY0.4F10 require a specific charging controller IC?
    • ⤷ Are there lithium-ion alternatives with the same form factor?