データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • PBY275

  • AI
    The **PBY275** is a high-voltage, high-current silicon rectifier diode, typically used in industrial power electronics and heavy-duty battery charging systems. Below is a detailed breakdown of its electronic characteristics and specifications. --- ## 1. Technical Specifications The PBY275 is designed for high-power rectification. Its performance is defined by its ability to handle large forward currents and block significant reverse voltages. | Parameter | Symbol | Typical Value | | :--- | :---: | :--- | | **Max. Repetitive Peak Reverse Voltage** | $V_{RRM}$ | 400V - 1000V (varies by suffix) | | **Max. Average Forward Current** | $I_{F(AV)}$ | 25A - 30A | | **Max. Forward Voltage Drop** | $V_F$ | ~1.1V (at rated current) | | **Operating Temperature Range** | $T_j$ | -65°C to +175°C | | **Reverse Leakage Current** | $I_R$ | < 10 µA | --- ## 2. Key Features and Construction The PBY275 belongs to a class of diodes often referred to as "Stud Mount" or "Press-fit" diodes, depending on the specific package style. * **Diffused Junction:** It utilizes a diffused silicon junction, which provides high reliability and stability under thermal stress. * **Low Forward Voltage:** Despite its high power rating, it maintains a relatively low $V_F$, which reduces power dissipation (heat) during conduction. * **High Surge Capacity:** It is built to withstand high non-repetitive peak surge currents (often up to 300A-400A for short durations), making it ideal for inductive loads. --- ## 3. Physical Packaging Because this diode handles high currents, thermal management is critical. 1. **Case Type:** Commonly found in a metal stud-mount package (like DO-4 or similar) or a "Button" / "Press-fit" style used in automotive alternators. 2. **Heat Dissipation:** The metal body acts as the anode or cathode (depending on the polarity version) and must be mounted to a heatsink. 3. **Polarity:** These are often available in two versions: * **Standard Polarity:** Stud is the Cathode. * **Reverse Polarity (R):** Stud is the Anode. --- ## 4. Common Applications Due to its robustness, the PBY275 is found in the following systems: * **Automotive Alternators:** Rectifying AC current from the alternator to DC for battery charging. * **Battery Chargers:** High-capacity industrial chargers for forklifts or marine batteries. * **Power Supplies:** Unregulated DC power supplies for motors. * **Welding Equipment:** Used in the rectification stage of DC arc welders. --- ## 5. Circuit Implementation Example In a standard Bridge Rectifier configuration, four PBY275 diodes are used to convert AC to DC. ```text AC Input ~ ---->|----+---- DC Output (+) | | AC Input ~ ---->|----|---- DC Output (-) ``` *(Note: Heat sinking is mandatory if the current exceeds 5-10 Amperes to prevent thermal runaway.)*
    ✨ Follow-up Questions
    • ⤷ What are the cooling requirements for a PBY275 at max current?
    • ⤷ How can I distinguish between standard and reverse polarity versions?
    • ⤷ What is the specific surge current rating for the PBY275?