データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • PBY305

  • AI
    The **PBY305** is a high-performance, glass-passivated silicon rectifier diode. It is commonly used in power supplies, battery chargers, and general-purpose rectification applications where high current and voltage handling are required. --- ### 1. Key Technical Specifications The PBY305 is designed for durability and efficiency in power conversion. Below are the standard electrical characteristics: | Parameter | Symbol | Value | Unit | | :--- | :---: | :---: | :---: | | Maximum Recurrent Peak Reverse Voltage | $V_{RRM}$ | 600 - 1000* | Volts | | Maximum RMS Voltage | $V_{RMS}$ | 420 - 700* | Volts | | Maximum Average Forward Rectified Current | $I_{F(AV)}$ | 3.0 | Amps | | Peak Forward Surge Current (8.3ms half sine) | $I_{FSM}$ | 100 | Amps | | Maximum Forward Voltage Drop (at 3.0A DC) | $V_F$ | 1.1 | Volts | | Operating & Storage Temperature Range | $T_J, T_{STG}$ | -65 to +150 | °C | *\*Note: Exact voltage ratings may vary slightly based on the specific suffix/manufacturer variant.* --- ### 2. Physical Characteristics & Construction The PBY305 typically utilizes the **DO-201AD** (or similar DO-27) molded plastic case. * **Polarity:** The cathode is denoted by a color band (usually white or silver) on the body of the component. * **Case Material:** UL 94V-0 Flame Retardant Plastic. * **Terminals:** Plated axial leads, solderable per MIL-STD-202. * **Construction:** Glass passivated junction, which ensures high reliability and low leakage current under high temperatures. --- ### 3. Core Functions in a Circuit #### A. Rectification The primary job of the PBY305 is to allow current to flow in only one direction. It is frequently used in bridge rectifiers to convert AC (Alternating Current) from a transformer into DC (Direct Current). #### B. Protection (Flyback Diode) Because it can handle a 3.0A continuous load and a 100A surge, it is often used as a "freewheeling" or flyback diode across inductive loads (like motors or relays) to prevent voltage spikes from damaging sensitive control electronics. #### C. Reverse Polarity Protection It can be placed in series with a power input to prevent damage if a battery or DC adapter is connected with the wrong polarity. --- ### 4. Comparison with Common Alternatives If you are looking for a replacement or a similar part, consider the following: | Diode | Max Current | Max Voltage | Use Case | | :--- | :--- | :--- | :--- | | **1N4007** | 1.0 A | 1000 V | Low power logic/small devices | | **1N5408** | 3.0 A | 1000 V | Direct alternative to PBY305 | | **6A10** | 6.0 A | 1000 V | High power industrial rectifiers | ---
    ✨ Follow-up Questions
    • ⤷ What are the specific thermal management requirements for the PBY305 when operating at 3 Amps?
    • ⤷ Can the PBY305 be used in high-frequency switching power supplies (SMPS)?
    • ⤷ How does the glass-passivation process improve the diode's lifespan compared to standard silicon?