データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • PBYL1525CTB

  • AI
    The **PBYL1525CTB** is a high-performance **Schottky Barrier Diode** commonly used in power management and switching applications. It is designed as a dual-center-tap rectifier, meaning it contains two diodes sharing a common cathode within a single package. --- ### 1. Key Technical Specifications The part number follows standard naming conventions for power rectifiers. Here are the primary electrical characteristics: | Parameter | Value | Description | | :--- | :--- | :--- | | **Type** | Schottky Barrier | Low forward voltage drop, fast switching | | **Configuration** | Dual Center-Tap | Two diodes with a common cathode (Pin 2) | | **$V_{RRM}$** | 25V | Maximum Repetitive Peak Reverse Voltage | | **$I_{F(AV)}$** | 15A | Total Average Forward Current (7.5A per leg) | | **$V_{F}$** | ~0.45V - 0.55V | Forward Voltage Drop (varies by load/temp) | | **Package** | D2PAK (TO-263) | Surface-mount power package | --- ### 2. Physical Structure and Pinout The PBYL1525CTB typically comes in a **D2PAK** (TO-263) package, which is designed for surface-mount technology (SMT) and efficient heat dissipation. * **Pin 1 (Anode 1):** Input for the first diode. * **Pin 2 (Cathode):** Common output (usually connected to the large metal tab for heat sinking). * **Pin 3 (Anode 2):** Input for the second diode. --- ### 3. Core Features & Advantages * **Low Forward Voltage ($V_F$):** Because it is a Schottky diode, it has a significantly lower voltage drop compared to standard silicon diodes. This results in higher efficiency and less heat generation. * **Fast Switching:** Schottky diodes have negligible reverse recovery time ($t_{rr}$), making them ideal for high-frequency switching power supplies. * **Guard Ring Protection:** Most parts in this series include an internal guard ring for stress protection and long-term reliability against high-voltage transients. --- ### 4. Common Applications Due to its high current capacity and low loss, the PBYL1525CTB is found in: 1. **Switched-Mode Power Supplies (SMPS):** Used as output rectifiers for DC-DC converters. 2. **OR-ing Diodes:** Used in redundant power supply systems to prevent backflow. 3. **Free-wheeling Diodes:** Protecting circuits from inductive spikes in motor drives or relay circuits. 4. **Battery Charging:** Preventing reverse discharge in solar or automotive chargers. --- ### 5. Thermal Management Since this component handles up to 15A, heat management is critical. The **D2PAK tab** must be soldered to a large copper plane on the PCB to act as a heat sink. If the junction temperature exceeds its limit (usually 150°C), the device may fail or suffer from thermal runaway.
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternative part numbers for the PBYL1525CTB?
    • ⤷ How does the forward voltage drop change with temperature in this Schottky diode?
    • ⤷ Can this diode be used in a bridge rectifier configuration?